Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS411P Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # SS411P
Description  Bipolar Hall-Effect Digital Position Sensors with Built-in Pull-up Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS411P Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  SS411P Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS411P Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS411P Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS411P Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SS311PT/SS411P
2
www.honeywell.com/sensing
Table 1. SS311PT/SS411P Specifications (At 2.7 Vdc to 7 Vdc supply, 4 mA load, TA = -40 ºC to 150 ºC [-40 ºF to 302 ºF]
Characteristic
Condition
Minimum
Typical
Maximum
Unit
Supply voltage
-40 °C to 150 °C [-40 °F to 302 °F]
2.7
5.0
7.0
Vdc
gauss <-140, Vs = 5 V, 25 °C [77°F]
–
5.5
–
Supply current
-40 °C to 150 °C [-40 °F to 302 °F]
–
–
14
mA
Output current
–
–
–
4.0
mA
Vsat
gauss >140
–
–
0.4
V
Output leakage current
gauss <-140
–
–
10
µA
Output rise time
Output fall time
25 °C [77 °F]
–
–
–
–
1.5
1.5
µs
Thermal resistance:
SS311PT
–
–
303
–
SS411P
–
–
233
–
°C/W
Operate
-40 °C to 150 °C [-40 °F to 302 °F]
-30
55
140
gauss
Release
-40 °C to 150 °C [-40 °F to 302 °F]
-140
-55
30
gauss
Differential
-40 °C to 150 °C [-40 °F to 302 °F]
40
–
–
gauss
Operating temperature
–
-40 [-40]
–
150 [302]
°C [°F]
Storage temperature
–
-40 [-40]
–
150 [302]
°C [°F]
NOTICE
Bipolar Hall-effect sensors may have an initial output in either the ON or OFF state if powered up with an applied magnetic field in
the differential zone (applied magnetic field >Brp and <Bop). Honeywell recommends allowing 10 µs for output voltage to stabilize
after supply voltage has reached 5 Vdc.
Table 2. SS311PT/SS411P Absolute Maximum Ratings
1
Characteristic
Minimum
Typical
Maximum
Unit
Supply voltage
-0.5
–
7.0
Vdc
Applied output voltage
-0.5
–
7.0
Vdc
Output current
–
–
8.0
mA
Magnetic flux
–
–
no limit
gauss
Note 1: The magnetic field strength (gauss) required to cause the switch to change state (operate and release) will be as specified
in the magnetic characteristics. To test the switch against the specified magnetic characteristics, the switch must be placed in a
uniform magnetic field.
NOTICE
Absolute maximum ratings are the extreme limits that the device will withstand without
damage to the device. However, the electrical and mechanical characteristics are not
guaranteed as the maximum limits (above recommended operating conditions) are
approached, nor will the device necessarily operate at absolute maximum ratings.
Figure 1. Current Sinking Output Block Diagram



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com