Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRE104C Datasheet(PDF) 2 Page - Cirrus Logic

Part # VRE104C
Description  Precision Voltage Reference
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

VRE104C Datasheet(HTML) 2 Page - Cirrus Logic

  VRE104C Datasheet HTML 1Page - Cirrus Logic VRE104C Datasheet HTML 2Page - Cirrus Logic VRE104C Datasheet HTML 3Page - Cirrus Logic VRE104C Datasheet HTML 4Page - Cirrus Logic VRE104C Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VRE104
2
VRE104DS
P r o d u c t I n n o v a t i o n F r o m
1. CHARACTERISTICS AND SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
V
PS =+15V, T = 25°C, RL = 10K Ω UNLESS OTHERWISE NOTED.
Grade
VRE104C
VRE104CA
VRE104M
VRE104MA
Parameter
Min
Typ Max
Min
Typ Max
Min
Typ Max
Min
Typ Max
Units
ABSOLUTE MAXIMUM RATINGS
Power Supply
±13.5
±22
*
*
*
*
*
*
V
Operating Temperature
-25
+85
*
*
-55
+125
-55
+125
ºC
Storage Temperature
-65
+150
*
*
*
*
*
*
ºC
Short Circuit Protection
Continuous
*
*
*
OUTPUT VOLTAGE
VRE104
+4.5
*
*
*
V
OUTPUT VOLTAGE ERRORS
Initial Error
±890
±800
±890
±800
µV
Warmup Drift
2
1
2
1
ppm
T
MIN - TMAX
(Note1)
490
400
690
600
µV
Long-Term Stability
6
*
*
*
ppm/1000hrs
Noise (0.1 - 10Hz)
3
*
*
*
µVpp
OUTPUT CURRENT
Range
±10
*
*
*
mA
REGULATION
Line
6
10
*
*
*
*
*
*
ppm/V
Load
3
*
*
*
ppm/mA
OUTPUT ADJUSTMENT
Range
10
*
*
*
mV
Temperature Coefficient
4
*
*
*
µV/ºC/mV
POWER SUPPLY CURRENT (Note 2)
VRE104 +PS
5
7
*
*
*
*
*
*
mA
Model
Output (V)
Temperature
Operating Range
Volt Deviation (MAX)
VRE104C
VRE104CA
+4.5
+4.5
-25°C to +85°C
-25°C to +85°C
±0.49mV
±0.40mV
VRE104M
VRE104MA
+4.5
+4.5
-55°C to +125°C
-55°C to +125°C
±0.69mV
±0.60mV
SELECTION GUIDE
NOTES:
* Same as C Models.
1. Using the box method, the specified value is the maximum deviation from the output voltage at 25°C
over the specified operating temperature range.
2. The specified values are unloaded.
Hermetic 14-pin Ceramic DIP
Package Style HC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com