Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRE104C Datasheet(PDF) 3 Page - Cirrus Logic

Part # VRE104C
Description  Precision Voltage Reference
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

VRE104C Datasheet(HTML) 3 Page - Cirrus Logic

  VRE104C Datasheet HTML 1Page - Cirrus Logic VRE104C Datasheet HTML 2Page - Cirrus Logic VRE104C Datasheet HTML 3Page - Cirrus Logic VRE104C Datasheet HTML 4Page - Cirrus Logic VRE104C Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VRE104
VRE104DS
3
P r o d u c t I n n o v a t i o n F r o m
Temperature oC
VRE104C
VOUT vs. TEMPERATURE
VOUT vs. TEMPERATURE
VOUT vs. TEMPERATURE
VOUT vs. TEMPERATURE
Temperature oC
VRE104CA
Temperature oC
VRE104M
Temperature oC
VRE104MA
QUIESCENT CURRENT VS. TEMP
Temperature oC
JUNCTION TEMP. RISE VS. OUTPUT CURRENT
Output Current (mA)
PSRR VS. FREQUENCY
Frequency (Hz)
0.49
-0.49
-0.4
0.4
-0.69
0.69
-0.6
0.6
2. TYPICAL PERFORMANCE GRAPHS
3. THEORY OF OPERATION
The following discussion refers to the block diagram in Figure 1. A FET current source is used to bias a 6.3 V zener
diode. The zener voltage is divided by the resistor network R1 and R2. This voltage is then applied to the noninvert-
ing input of the operational amplifier which amplifies the voltage to produce a 4.5 V output. The gain is determined
by the resistor networks R3 and R4: G=1 + R4/R3. The 6.3 V zener diode is used because it is the most stable
diode over time and temperature.
The current source provides a closely regulated zener current, which determines the slope of the references’ volt-
age vs. temperature function. By trimming the zener current a lower drift over temperature can be achieved. But
since the voltage vs. temperature function is nonlinear, this method leaves a residual error over wide temperature
ranges.
To remove this residual error, a nonlinear compensation network of thermistors and resistors has been developed
that is used in the VRE104 series references. This proprietary network eliminates most of the nonlinearity in the
voltage vs. temperature function. By then adjusting the slope, the VRE104 series produces a very stable voltage
over wide temperature ranges. This network is less than 2% of the overall network resistance so it has a negligible
effect on long term stability.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com