Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1500-FSZ Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS1500-FSZ
Description  Digital Power Factor Correction IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1500-FSZ Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS1500-FSZ Datasheet HTML 3Page - Cirrus Logic CS1500-FSZ Datasheet HTML 4Page - Cirrus Logic CS1500-FSZ Datasheet HTML 5Page - Cirrus Logic CS1500-FSZ Datasheet HTML 6Page - Cirrus Logic CS1500-FSZ Datasheet HTML 7Page - Cirrus Logic CS1500-FSZ Datasheet HTML 8Page - Cirrus Logic CS1500-FSZ Datasheet HTML 9Page - Cirrus Logic CS1500-FSZ Datasheet HTML 10Page - Cirrus Logic CS1500-FSZ Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
CS1500
DS849A5
7
May ?$shortyear>
CONFIDENTIAL
3. INTRODUCTION
Figure 9. CS1500 Block Diagram
The CS1500 digital power factor controller operates in variable
on-time, variable frequency, discontinuous conduction mode
(DCM). The CS1500 uses a proprietary digital algorithm to
maximize the efficiency and reduce the conductive EMI.
The analog-to-digital converter (ADC) shown in the CS1500
block diagram in Figure 9 is used to sense the PFC output
voltage ( Vlink ) and the rectified AC line voltage ( Vrect ) by
measuring currents through their respective resistors. The
magnitudes of these currents are measured as a proportion of a
reference current (IREF) that functions as the reference for the
ADCs. The digital signal is then processed in a control algorithm
which determines the behavior of the CS1500 during start-up,
normal operation, and under fault conditions, such as brownout,
overvoltage, overcurrent, overpower, and over-temperature
conditions.
• DCM with Variable On-Time, Variable Switching Fre-
quency
The CS1500 PFC switching frequency varies with the
Vrect on a cycle-by-cycle basis, and its digital algorithm
calculates the on-time accordingly for unity power factor.
Unlike traditional Critical Conduction Mode (CRM) PFC
controller, CS1500 operates at its low switching frequen-
cy near the zero-crossing point of the AC input voltage,
even no switching at all, and it operates at its high switch-
ing frequency at the peak of its AC input voltage (this is
the opposite of the switching frequency profile for a CRM
PFC controller), thus CS1500 reduces switching losses
especially under light-load conditions, spreads conducted
EMI energy peaks over a wide frequency band and in-
creases overall system efficiency.
• Optimized Digital Loop Compensation
The proprietary digital control engine optimizes the feed-
back error signal using an adaptive control algorithm, im-
proves system stability and transient response. No
external feedback error signal compensation components
are required.
• Overcurrent Mitigation
The CS1500s digital controller algorithm limits the ON
time of the Power MOSFET by the following equation:
Where Ton is the max time that the power MOSFET is
turned on and Vrect is the rectified line voltage. In the
event of a sudden line surge or sporadic, high dv/dt line
voltages, this equation may not limit the ON time appro-
priately. For this type of line disturbance, additional pro-
tection mechanisms such as fusible resistors, fast-blow
fuses, or other current-limiting devices are recommend-
ed.
• Over Voltage Protection
Under steady-state conditions, the voltage loop keeps
PFC output voltage close to its nominal value. Under light
load startup or feedback loop open conditions, the output
voltage may pass the overvoltage protection threshold.
The digital control engine initiates a fast response loop to
shut down gate driving signal to reduce the energy deliv-
ered to the output for PFC capacitor protection. When the
link voltage drop below VOVP-VOVP(Hy), PFC resumes
normal operation.
IAC
FB
STBY
3
4
2
CS1500
GD
6
VDD 7
NC 8
GND
5
Processor
Logic
NC 1
PWM
Driver
Oscillator
Protection
ADC
T
on
0.001126
V
rect
-------------------------
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com