Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1500-FSZ Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS1500-FSZ
Description  Digital Power Factor Correction IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1500-FSZ Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS1500-FSZ Datasheet HTML 5Page - Cirrus Logic CS1500-FSZ Datasheet HTML 6Page - Cirrus Logic CS1500-FSZ Datasheet HTML 7Page - Cirrus Logic CS1500-FSZ Datasheet HTML 8Page - Cirrus Logic CS1500-FSZ Datasheet HTML 9Page - Cirrus Logic CS1500-FSZ Datasheet HTML 10Page - Cirrus Logic CS1500-FSZ Datasheet HTML 11Page - Cirrus Logic CS1500-FSZ Datasheet HTML 12Page - Cirrus Logic CS1500-FSZ Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
CS1500
DS849A5
9
May ?$shortyear>
CONFIDENTIAL
Figure 14. Burst Modes
3.4 Output Power and PFC Boost Inductor
Maximum output power in normal mode is defined by the
following equation:
where, Vin(min), Vlink, and LB are user defined based on
application requirements and maximum operating switching
frequency fmax = 70kHz.
α is a margin factor to guarantee
rated power (Po) against tolerances and transients.
α is
typically set to 0.9.
The PFC Boost Inductor (LB in Figure 21) value can be
calculated using Equation 1 as follows:
where Vin(min) is volts RMS, Vlink is volts DC, and
α is set to
0.9.
3.5 PFC Output Capacitor
The value of the PFC output capacitor should be chosen
based upon voltage ripple and hold-up requirements. This is
described in more detail in the application section 4.1.6 PFC
Output Capacitor on page 13. To ensure system stability with
the digital controller, the recommended value of the capacitor
is within the range of 0.5
μF / watt to 2.0 μF/watt.
3.6 Output Feedback & Regulation
A current proportional to the PFC output voltage, Vlink, is
supplied to the IC on pin FB and is used as a feedback control
signal. This current is compared against a fixed-value internal
reference current, Iref.
Resistor RFB (shown as R2a & R2b in Figure 21) sets the
feedback current and is calculated as follows:
Figure 15. Feedback Input Pin Model
The ADC is used to measure the magnitude of the IFB current
through resistor RFB. The magnitude of the IFB current is then
compared to an internal reference current, Iref.
By using digital loop compensation, the voltage feedback
signal does not require an external compensation network.
It is recommended that a ceramic capacitor of up to 2.2 nF be
placed between the FB pin and the VDD pin to filter noise in
the layout.
3.7 IAC Signal
Figure 16. IAC Input Pin Model
A current proportional to the AC input voltage is supplied to the
IC on pin IAC and is used by the PFC control algorithm.
Resistor RAC (shown as R1a & R1b in Figure 21) sets the IAC
current and is calculated as follows:
For optimal performance, resistor RAC, RFB should use less
than 1% tolerance resistor. Resistors can be separated in two
Vin
[V]
t [ms]
FET
Vgs
Burst Mode
Active
Vin
Po
[W]
t [ms]
PFC
Disable
Burst Threshold
Po
αη
V
in min
()
()
×
2
×
V
link
V
in min
()
2
×
()
2f
max
L
B
V
link
×
×
×
---------------------------------------------------------
×
=
[Eq.1]
L
B
αη
V
in min
()
()
×
2
×
V
link
V
in min
()
2
×
()
2f
max
Po
V
link
×
×
×
---------------------------------------------------------
×
=
[Eq.2]
R
FB
V
link
V
dd
I
ref
----------------------------
=
[Eq.3]
RFB
IFB
VDD
ADC
Vlink
7
FB
4
RAC
IAC
IAC
VDD
ADC
7
3
Vrect
R
AC
R
FB
=
[Eq.4]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com