Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC10F220E/MC Datasheet(PDF) 35 Page - Microchip Technology

Part # PIC10F220E/MC
Description  High-Performance Microcontrollers with 8-bit A/D
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F220E/MC Datasheet(HTML) 35 Page - Microchip Technology

Back Button PIC10F220E/MC Datasheet HTML 31Page - Microchip Technology PIC10F220E/MC Datasheet HTML 32Page - Microchip Technology PIC10F220E/MC Datasheet HTML 33Page - Microchip Technology PIC10F220E/MC Datasheet HTML 34Page - Microchip Technology PIC10F220E/MC Datasheet HTML 35Page - Microchip Technology PIC10F220E/MC Datasheet HTML 36Page - Microchip Technology PIC10F220E/MC Datasheet HTML 37Page - Microchip Technology PIC10F220E/MC Datasheet HTML 38Page - Microchip Technology PIC10F220E/MC Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 86 page
background image
© 2007 Microchip Technology Inc.
DS41270E-page 33
PIC10F220/222
8.0
SPECIAL FEATURES OF THE
CPU
What sets a microcontroller apart from other proces-
sors are special circuits that deal with the needs of real-
time applications. The PIC10F220/222 microcontrol-
lers have a host of such features intended to maximize
system reliability, minimize cost through elimination of
external components, provide power-saving operating
modes and offer code protection. These features are:
• Reset:
- Power-on Reset (POR)
- Device Reset Timer (DRT)
- Watchdog Timer (WDT)
- Wake-up from Sleep on pin change
• Sleep
• Code Protection
• ID Locations
• In-Circuit Serial Programming™
•Clock Out
The PIC10F220/222 devices have a Watchdog Timer,
which can be shut off only through Configuration bit
WDTE. It runs off of its own RC oscillator for added reli-
ability. When using DRT, there is an 1.125 ms (typical)
delay only on VDD power-up. With this timer on-chip,
most applications need no external Reset circuitry.
The Sleep mode is designed to offer a very low current
Power-Down mode. The user can wake-up from Sleep
through a change on input pins or through a Watchdog
Timer time-out.
8.1
Configuration Bits
The PIC10F220/222 Configuration Words consist of 12
bits. Configuration bits can be programmed to select
various device configurations. One bit is the Watchdog
Timer enable bit, one bit is the MCLR enable bit and
one bit is for code protection (see Register 8-1).
REGISTER 8-1:
CONFIG: CONFIGURATION WORD(1)
—
—
—
—
—
—
—
MCLRE
CP
WDTE
MCPU
IOSCFS
bit 11
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 11-5
Unimplemented: Read as ‘0’
bit 4
MCLRE: GP3/MCLR Pin Function Select bit
1
= GP3/MCLR pin function is MCLR
0
= GP3/MCLR pin function is digital I/O, MCLR internally tied to VDD
bit 3
CP: Code Protection bit
1
= Code protection off
0
= Code protection on
bit 2
WDTE: Watchdog Timer Enable bit
1
= WDT enabled
0
= WDT disabled
bit 1
MCPU: Master Clear Pull-up Enable bit(2)
1
= Pull-up disabled
0
= Pull-up enabled
bit 0
IOSCFS: Internal Oscillator Frequency Select bit
1
= 8 MHz
0
= 4 MHz
Note 1:
Refer to the “PIC10F220/222 Memory Programming Specification” (DS41266), to determine how to
access the Configuration Word. The Configuration Word is not user addressable during device operation.
2:
MCLRE must be a ‘1’ to enable this selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com