Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC10F220E/MC Datasheet(PDF) 85 Page - Microchip Technology

Part # PIC10F220E/MC
Description  High-Performance Microcontrollers with 8-bit A/D
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F220E/MC Datasheet(HTML) 85 Page - Microchip Technology

Back Button PIC10F220E/MC Datasheet HTML 78Page - Microchip Technology PIC10F220E/MC Datasheet HTML 79Page - Microchip Technology PIC10F220E/MC Datasheet HTML 80Page - Microchip Technology PIC10F220E/MC Datasheet HTML 81Page - Microchip Technology PIC10F220E/MC Datasheet HTML 82Page - Microchip Technology PIC10F220E/MC Datasheet HTML 83Page - Microchip Technology PIC10F220E/MC Datasheet HTML 84Page - Microchip Technology PIC10F220E/MC Datasheet HTML 85Page - Microchip Technology PIC10F220E/MC Datasheet HTML 86Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 85 / 86 page
background image
© 2007 Microchip Technology Inc.
DS41270E-page 83
PIC10F220/222
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device:
PIC10F220
PIC10F222
PIC10F220T (Tape & Reel)
PIC10F222T (Tape & Reel)
Temperature
Range:
I= -40
°C to +85°C
(Industrial)
E= -40
°C to +125°C
(Extended)
Package:
P
=
300 mil PDIP (Pb-free)
OT
=
SOT-23, 6-LD (Pb-free)
MC
=
DFN, 8-LD 2x3 (Pb-free)
Pattern:
Special Requirements
Examples:
a)
PIC10F220-I/P = Industrial temp., PDIP
package (Pb-free)
b)
PIC10F222T-E/OT = Extended temp., SOT-23
package (Pb-free), Tape and Reel
c)
PIC10F222-E/MC = Extended temp., DFN
package (Pb-free)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com