Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTL2012 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # GTL2012
Description  2-bit LVTTL to GTL transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GTL2012 Datasheet(HTML) 2 Page - NXP Semiconductors

  GTL2012 Datasheet HTML 1Page - NXP Semiconductors GTL2012 Datasheet HTML 2Page - NXP Semiconductors GTL2012 Datasheet HTML 3Page - NXP Semiconductors GTL2012 Datasheet HTML 4Page - NXP Semiconductors GTL2012 Datasheet HTML 5Page - NXP Semiconductors GTL2012 Datasheet HTML 6Page - NXP Semiconductors GTL2012 Datasheet HTML 7Page - NXP Semiconductors GTL2012 Datasheet HTML 8Page - NXP Semiconductors GTL2012 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
GTL2012_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 9 August 2007
2 of 14
NXP Semiconductors
GTL2012
2-bit LVTTL to GTL transceiver
4.
Ordering information
[1]
Also known as MSOP8.
5.
Functional diagram
Table 2.
Ordering information
Tamb = −40 °C to +85 °C
Type number
Topside mark
Package
Name
Description
Version
GTL2012DP
012P
TSSOP8[1]
plastic thin shrink small outline package; 8 leads;
body width 3 mm
SOT505-1
GTL2012DC
012C
VSSOP8
plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
Fig 1.
Logic diagram of GTL2012
002aab605
GTL2012
A0
A1
B0
B1
VREF
DIR
&
&



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com