Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTL2012 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # GTL2012
Description  2-bit LVTTL to GTL transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GTL2012 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button GTL2012 Datasheet HTML 3Page - NXP Semiconductors GTL2012 Datasheet HTML 4Page - NXP Semiconductors GTL2012 Datasheet HTML 5Page - NXP Semiconductors GTL2012 Datasheet HTML 6Page - NXP Semiconductors GTL2012 Datasheet HTML 7Page - NXP Semiconductors GTL2012 Datasheet HTML 8Page - NXP Semiconductors GTL2012 Datasheet HTML 9Page - NXP Semiconductors GTL2012 Datasheet HTML 10Page - NXP Semiconductors GTL2012 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
GTL2012_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 9 August 2007
7 of 14
NXP Semiconductors
GTL2012
2-bit LVTTL to GTL transceiver
12. Test information
RL — Load resistor.
CL — Load capacitance; includes jig and probe capacitance.
RT — Termination resistance; should be equal to Zo of pulse generators.
PRR
≤ 10 MHz; Zo =50 Ω; tr ≤ 2.5 ns; tf ≤ 2.5 ns
Fig 5.
Propagation delay, An to Bn
002aab163
3.0 V
0 V
VOH
VOL
tPLH
tPHL
1.5 V
1.5 V
Vref
Vref
input
output
Fig 6.
Load circuitry for switching times
Fig 7.
Load circuit for B outputs
PULSE
GENERATOR
VO
CL
50 pF
002aab006
RL
500
Ω
RT
VI
VCC
DUT
PULSE
GENERATOR
DUT
VO
CL
30 pF
25
Ω
002aab143
RT
VI
VCC
VTT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com