Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE62005 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 39 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 35Page - Texas Instruments CDCE62005 Datasheet HTML 36Page - Texas Instruments CDCE62005 Datasheet HTML 37Page - Texas Instruments CDCE62005 Datasheet HTML 38Page - Texas Instruments CDCE62005 Datasheet HTML 39Page - Texas Instruments CDCE62005 Datasheet HTML 40Page - Texas Instruments CDCE62005 Datasheet HTML 41Page - Texas Instruments CDCE62005 Datasheet HTML 42Page - Texas Instruments CDCE62005 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
UniversalInputControl
PN
PP
6
1
0
Register 5
10
9
8
Register 6
12
7
SN
SP
PINV
PRI_IN
SINV
SEC_IN
5.1
5.0
5.6
INBUFSELY INBUFSELX ACDCSEL
1
0
0
1.9V
1
0
1
1.2V
1
1
0
1.2V
1
1
1
1.2V
Nominal
Vbb
Settings
Vbb
1 mF
Vbb
5.0
5.1
5.8,6.12
5.9,5.10
INBUFSELX
INBUFSELY
TERMSEL
INVBB
P
N
INV
0
0
X
X
OFF
OFF
OFF
X
X
1
X
OFF
OFF
OFF
X
1
0
0
ON
ON
ON
X
1
0
1
ON
ON
OFF
SWITCHStatus
Settings
50
50
50
50
CDCE62005
www.ti.com
SCAS862C – NOVEMBER 2008 – REVISED FEBRUARY 2010
Universal Input Buffers (UIB)
Figure 24 shows the key elements of a universal input buffer. A UIB supports multiple formats along with different
termination and coupling schemes. The CDCE62005 implements the UIB by including on board switched
termination, a programmable bias voltage generator, and an output multiplexer. The CDCE62005 provides a high
degree of configurability on the UIB to facilitate most existing clock input formats.
Figure 24. CDCE62005 Universal Input Buffer
Table 16 lists several settings for many possible clock input scenarios. Note that the two universal input buffers
share the Vbb generator. Therefore, if both inputs use internal termination, they must use the same configuration
mode (LVDS, LVPECL, or LVCMOS). If the application requires different modes (e.g. LVDS and LVPECL) then
one of the two inputs must implement external termination.
Table 16. CDCE62005 Universal Input Buffer Configuration Matrix
PRI_IN CONFIGURATION MATRIX
SETTINGS
CONFIGURATION
Register.Bit
→
5.7
5.1
5.0
5.8
5.9
5.6
Bit Name
→
HYSTEN
INBUFSELY
INBUFSELX
PRI_TERMSEL
PRIINVBB
ACDCSEL
Hysteresis
Mode
Coupling
Termination
Vbb
1
0
0
X
X
X
ENABLED
LVCMOS
DC
N/A
—
1
1
0
0
0
0
ENABLED
LVPECL
AC
Internal
1.9V
1
1
0
0
0
1
ENABLED
LVPECL
DC
Internal
1.2V
1
1
0
1
X
X
ENABLED
LVPECL
—
External
—
1
1
1
0
0
0
ENABLED
LVDS
AC
Internal
1.2V
1
1
1
0
0
1
ENABLED
LVDS
DC
Internal
1.2V
1
1
1
1
X
X
ENABLED
LVDS
—
External
—
0
X
X
X
X
X
OFF
—
—
—
—
1
X
X
X
X
X
ENABLED
—
—
—
—
SEC_IN CONFIGURATION MATRIX
SETTINGS
CONFIGURATION
Register.Bit
→
5.7
5.1
5.0
6.12
5.10
5.6
Bit Name
→
HYSTEN
INBUFSELY
INBUFSELX
SEC_TERMSEL
SECINVBB
ACDCSEL
Hysteresis
Mode
Coupling
Termination
Vbb
1
0
0
X
X
X
ENABLED
LVCMOS
DC
N/A
—
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s) :CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com