Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE62005 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 3 Page - Texas Instruments

  CDCE62005 Datasheet HTML 1Page - Texas Instruments CDCE62005 Datasheet HTML 2Page - Texas Instruments CDCE62005 Datasheet HTML 3Page - Texas Instruments CDCE62005 Datasheet HTML 4Page - Texas Instruments CDCE62005 Datasheet HTML 5Page - Texas Instruments CDCE62005 Datasheet HTML 6Page - Texas Instruments CDCE62005 Datasheet HTML 7Page - Texas Instruments CDCE62005 Datasheet HTML 8Page - Texas Instruments CDCE62005 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
37
1
24
48
25
36
T
To
op
p V
Viie
ew
w
12
13
Not up to Scale
CDCE62005
www.ti.com
SCAS862C – NOVEMBER 2008 – REVISED FEBRUARY 2010
DEVICE INFORMATION
PACKAGE
The CDCE62005 is packaged in a 48-Pin Plastic Quad Flatpack Package with enhanced bottom thermal pad for
heat dissipation. The Texas Instruments Package Designator is: RGZ (S-PQFP-N48)
Figure 2. 48-Pin QFN Package Outline
PIN FUNCTIONS(1)
PIN
TYPE
DESCRIPTION
NAME
QFN
VCC_OUT
8, 11, 18,
Power
3.3V Supply for the Output Buffers and Output Dividers
21, 26, 29,
32
VCC_AUXOUT
15
Power
3.3V to Power the AUX_OUT circuitry
VCC1_PLL
5
A. Power
3.3V PLL Supply Voltage for the PLL circuitry. (Filter Required)
VCC2_PLL
39, 42
A. Power
3.3V PLL Supply Voltage for the PLL circuitry. (Filter Required)
VCC_VCO
34, 35
A. Power
3.3V VCO Input Buffer and Circuitry Supply Voltage. (Filter Required)
VCC_IN_PRI
47
A. Power
3.3V References Input Buffer and Circuitry Supply Voltage.
VCC_IN_SEC
1
A. Power
3.3V References Input Buffer and Circuitry Supply Voltage.
VCC_AUXIN
44
A. Power
3.3V Crystal Oscillator Input Circuitry.
GND_VCO
36
Ground
Ground that connects to VCO Ground. (VCO_GND is shorted to GND)
GND
PAD
Ground
Ground is on Thermal PAD. See Layout recommendation
SPI_MISO
OD
In SPI Mode it is an Open Drain Output and it functions as a Master In Slave Out as a serial
22
Control Data Output to CDCE62005 .
SPI_LE
25
I
LVCMOS input, control Latch Enable for Serial Programmable Interface (SPI), with Hysteresis in
SPI Mode. The input has an internal 150-k
Ω pull-up resistor if left unconnected it will default to
logic level “1”.
SPI_CLK
I
LVCMOS input, serial Control Clock Input for the SPI bus interface, with Hysteresis. The input
24
has an internal 150-k
Ω pull-up resistor if left unconnected it will default to logic level “1”.
SPI_MOSI
23
I
LVCMOS input, Master Out Slave In as a serial Control Data Input to CDCE62005 for the SPI
bus interface. The input has an internal 150-k
Ω pull-up resistor if left unconnected it will default
to logic level “1”.
TEST_MODE
33
I
This pin should be tied high or left unconnected.
(1)
Note: The internal memory (EEPROM and RAM) are sourced from various power pins. All VCC connections must be powered for proper
functionality of the device.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com