Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTY82 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # KTY82
Description  Silicon temperature sensors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KTY82 Datasheet(HTML) 1 Page - NXP Semiconductors

  KTY82 Datasheet HTML 1Page - NXP Semiconductors KTY82 Datasheet HTML 2Page - NXP Semiconductors KTY82 Datasheet HTML 3Page - NXP Semiconductors KTY82 Datasheet HTML 4Page - NXP Semiconductors KTY82 Datasheet HTML 5Page - NXP Semiconductors KTY82 Datasheet HTML 6Page - NXP Semiconductors KTY82 Datasheet HTML 7Page - NXP Semiconductors KTY82 Datasheet HTML 8Page - NXP Semiconductors KTY82 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
Product profile
1.1 General description
The temperature sensors in the KTY82 series have a positive temperature coefficient of
resistance and are suitable for use in measurement and control systems. The sensors are
encapsulated in the small plastic Surface Mounted Device (SMD) SOT23 package.
Other special selections are available on request.
1.2 Features
1.3 Quick reference data
KTY82 series
Silicon temperature sensors
Rev. 04 — 14 January 2008
Product data sheet
I High accuracy and reliability
I Long-term stability
I Positive temperature coefficient;
fail-safe behavior
I Virtually linear characteristics
Table 1.
Quick reference data
Tamb =25 °C; in liquid; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
R25
sensor resistance
Isen(cont) =1mA
KTY82/110
990
-
1010
Ω
KTY82/120
980
-
1020
Ω
KTY82/121
980
-
1000
Ω
KTY82/122
1000
-
1020
Ω
KTY82/150
950
-
1050
Ω
KTY82/151
950
-
1000
Ω
KTY82/210
1980
-
2020
Ω
KTY82/220
1960
-
2040
Ω
KTY82/221
1960
-
2000
Ω
KTY82/222
2000
-
2040
Ω
KTY82/250
1900
-
2100
Ω
KTY82/251
1900
-
2000
Ω
KTY82/252
2000
-
2100
Ω


Similar Part No. - KTY82

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KTY82-1 PHILIPS-KTY82-1 Datasheet
88Kb / 16P
Silicon temperature sensors
1998 Mar 26
KTY82-110 PHILIPS-KTY82-110 Datasheet
88Kb / 16P
Silicon temperature sensors
1998 Mar 26
KTY82-120 PHILIPS-KTY82-120 Datasheet
88Kb / 16P
Silicon temperature sensors
1998 Mar 26
KTY82-121 PHILIPS-KTY82-121 Datasheet
88Kb / 16P
Silicon temperature sensors
1998 Mar 26
KTY82-122 PHILIPS-KTY82-122 Datasheet
88Kb / 16P
Silicon temperature sensors
1998 Mar 26
More results

Similar Description - KTY82

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KTY85-1 PHILIPS-KTY85-1 Datasheet
61Kb / 12P
Silicon temperature sensors
1998 Mar 26
KTY82-2 PHILIPS-KTY82-2 Datasheet
78Kb / 16P
Silicon temperature sensors
1998 Mar 26
KTY81-1 PHILIPS-KTY81-1 Datasheet
109Kb / 16P
Silicon temperature sensors
1998 Mar 26
KTY83 PHILIPS-KTY83 Datasheet
63Kb / 11P
Silicon temperature sensors
2003 Sep 15
KTY81-1 PHILIPS-KTY81-1_00 Datasheet
83Kb / 16P
Silicon temperature sensors
2000 Aug 25
KTY83 NXP-KTY83 Datasheet
61Kb / 10P
Silicon temperature sensors
Rev. 06-4 April 2008
KTY81122.112 NXP-KTY81122.112 Datasheet
78Kb / 15P
Silicon temperature sensors
Rev. 05-25 April 2008
KTY81-120112 NXP-KTY81-120112 Datasheet
78Kb / 15P
Silicon temperature sensors
Rev. 05-25 April 2008
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
KTY81110 PHILIPS-KTY81110 Datasheet
78Kb / 15P
Silicon temperature sensors
Rev. 05-25 April 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com