Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTY82 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # KTY82
Description  Silicon temperature sensors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KTY82 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button KTY82 Datasheet HTML 9Page - NXP Semiconductors KTY82 Datasheet HTML 10Page - NXP Semiconductors KTY82 Datasheet HTML 11Page - NXP Semiconductors KTY82 Datasheet HTML 12Page - NXP Semiconductors KTY82 Datasheet HTML 13Page - NXP Semiconductors KTY82 Datasheet HTML 14Page - NXP Semiconductors KTY82 Datasheet HTML 15Page - NXP Semiconductors KTY82 Datasheet HTML 16Page - NXP Semiconductors KTY82 Datasheet HTML 17Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
KTY82_SER_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 14 January 2008
13 of 17
NXP Semiconductors
KTY82 series
Silicon temperature sensors
7.
Package outline
8.
Handling information
KTY82 series temperature sensors are sensitive to ElectroStatic Discharge (ESD).
ESD can lead to irreversible changes of the characteristic.
Fig 3.
Maximum operating current for safe operation
mgg705
Tamb (°C)
−50
150
100
050
4
8
12
Isen(cont)
(mA)
0
Fig 4.
Minimized package outline SOT23
04-11-04
Dimensions in mm
0.45
0.15
1.9
1.1
0.9
3.0
2.8
2.5
2.1
1.4
1.2
0.48
0.38
0.15
0.09
12
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com