Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTY83/150 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # KTY83/150
Description  Silicon temperature sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KTY83/150 Datasheet(HTML) 2 Page - NXP Semiconductors

  KTY83/150 Datasheet HTML 1Page - NXP Semiconductors KTY83/150 Datasheet HTML 2Page - NXP Semiconductors KTY83/150 Datasheet HTML 3Page - NXP Semiconductors KTY83/150 Datasheet HTML 4Page - NXP Semiconductors KTY83/150 Datasheet HTML 5Page - NXP Semiconductors KTY83/150 Datasheet HTML 6Page - NXP Semiconductors KTY83/150 Datasheet HTML 7Page - NXP Semiconductors KTY83/150 Datasheet HTML 8Page - NXP Semiconductors KTY83/150 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
KTY83_SER_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 4 April 2008
2 of 10
NXP Semiconductors
KTY83 series
Silicon temperature sensors
3.
Ordering information
4.
Marking
5.
Limiting values
Table 3.
Ordering information
Type number
Package
Name
Description
Version
KTY83/110
-
hermetically sealed glass package; axial leaded; 2 leads
SOD68
KTY83/120
KTY83/121
KTY83/122
KTY83/150
KTY83/151
Table 4.
Marking codes
Type number
Marking code
KTY83/110
KT83A
KTY83/120
KT83C
KTY83/121
KT83D
KTY83/122
KT83E
KTY83/150
KT83H
KTY83/151
KT83K
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Isen(cont)
continuous sensor current
in free air; Tamb =25 °C
-
10
mA
in free air; Tamb = 175 °C-
2
mA
Tamb
ambient temperature
−55 +175 °C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com