Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTY83/150 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # KTY83/150
Description  Silicon temperature sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KTY83/150 Datasheet(HTML) 1 Page - NXP Semiconductors

  KTY83/150 Datasheet HTML 1Page - NXP Semiconductors KTY83/150 Datasheet HTML 2Page - NXP Semiconductors KTY83/150 Datasheet HTML 3Page - NXP Semiconductors KTY83/150 Datasheet HTML 4Page - NXP Semiconductors KTY83/150 Datasheet HTML 5Page - NXP Semiconductors KTY83/150 Datasheet HTML 6Page - NXP Semiconductors KTY83/150 Datasheet HTML 7Page - NXP Semiconductors KTY83/150 Datasheet HTML 8Page - NXP Semiconductors KTY83/150 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1.
Product profile
1.1 General description
The temperature sensors in the KTY83 series have a positive temperature coefficient of
resistance and are suitable for use in measurement and control systems. The sensors are
encapsulated in the SOD68 (DO-34) package.
Other special selections are available on request.
1.2 Features
1.3 Quick reference data
2.
Pinning information
KTY83 series
Silicon temperature sensors
Rev. 06 — 4 April 2008
Product data sheet
I High accuracy and reliability
I Long-term stability
I Positive temperature coefficient;
fail-safe behavior
I Virtually linear characteristics
Table 1.
Quick reference data
Tamb =25 °C; in liquid; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
R25
sensor resistance
Isen(cont) =1mA
KTY83/110
990
-
1010
KTY83/120
980
-
1020
KTY83/121
980
-
1000
KTY83/122
1000
-
1020
KTY83/150
950
-
1050
KTY83/151
950
-
1000
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode (k)
2
anode (a)
a
k
a
001aaa020
k


Similar Part No. - KTY83/150

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KTY83/150 PHILIPS-KTY83/150 Datasheet
63Kb / 11P
Silicon temperature sensors
2003 Sep 15
More results

Similar Description - KTY83/150

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KTY85-1 PHILIPS-KTY85-1 Datasheet
61Kb / 12P
Silicon temperature sensors
1998 Mar 26
KTY82-2 PHILIPS-KTY82-2 Datasheet
78Kb / 16P
Silicon temperature sensors
1998 Mar 26
KTY81-1 PHILIPS-KTY81-1 Datasheet
109Kb / 16P
Silicon temperature sensors
1998 Mar 26
KTY83 PHILIPS-KTY83 Datasheet
63Kb / 11P
Silicon temperature sensors
2003 Sep 15
KTY81-1 PHILIPS-KTY81-1_00 Datasheet
83Kb / 16P
Silicon temperature sensors
2000 Aug 25
KTY82 NXP-KTY82 Datasheet
79Kb / 17P
Silicon temperature sensors
Rev. 04-14 January 2008
KTY81122.112 NXP-KTY81122.112 Datasheet
78Kb / 15P
Silicon temperature sensors
Rev. 05-25 April 2008
KTY81-120112 NXP-KTY81-120112 Datasheet
78Kb / 15P
Silicon temperature sensors
Rev. 05-25 April 2008
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
KTY81110 PHILIPS-KTY81110 Datasheet
78Kb / 15P
Silicon temperature sensors
Rev. 05-25 April 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com