Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN360N15T2 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFN360N15T2
Description  GigaMOSTrenchT2 HiperFET Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN360N15T2 Datasheet(HTML) 2 Page - IXYS Corporation

  IXFN360N15T2 Datasheet HTML 1Page - IXYS Corporation IXFN360N15T2 Datasheet HTML 2Page - IXYS Corporation IXFN360N15T2 Datasheet HTML 3Page - IXYS Corporation IXFN360N15T2 Datasheet HTML 4Page - IXYS Corporation IXFN360N15T2 Datasheet HTML 5Page - IXYS Corporation IXFN360N15T2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXFN360N15T2
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Note 1. Pulse test, t
≤ 300μs; duty cycle, d ≤ 2%.
SOT-227B (IXFN) Outline
(M4 screws (4x) supplied)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 10V, ID = 60A, Note 1
140
230
S
C
iss
47.5
nF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
3060
pF
C
rss
665
pF
t
d(on)
50
ns
t
r
170
ns
t
d(off)
115
ns
t
f
265
ns
Q
g(on)
715
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 180A
185
nC
Q
gd
200
nC
R
thJC
0.14
°C/W
R
thCS
0.05
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
360
A
I
SM
Repetitive, Pulse Width Limited by T
JM
1440
A
V
SD
I
F = 60A, VGS = 0V, Note 1
1.2
V
t
rr
150 ns
Q
RM
0.50
μC
I
RM
9.00
A
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 100A
R
G = 1Ω (External)
I
F = 160A, VGS = 0V
-di/dt = 100A/
μs
V
R = 60V
ADVANCE TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived
from a subjective evaluation of the design, based upon prior knowledge and experience, and constitute a
"considered reflection" of the anticipated result. IXYS reserves the right to change limits, test
conditions, and dimensions without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com