Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN360N15T2 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFN360N15T2
Description  GigaMOSTrenchT2 HiperFET Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN360N15T2 Datasheet(HTML) 4 Page - IXYS Corporation

  IXFN360N15T2 Datasheet HTML 1Page - IXYS Corporation IXFN360N15T2 Datasheet HTML 2Page - IXYS Corporation IXFN360N15T2 Datasheet HTML 3Page - IXYS Corporation IXFN360N15T2 Datasheet HTML 4Page - IXYS Corporation IXFN360N15T2 Datasheet HTML 5Page - IXYS Corporation IXFN360N15T2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXFN360N15T2
Fig. 7. Input Admittance
0
20
40
60
80
100
120
140
160
180
200
2.53.0
3.5
4.0
4.55.0
5.5
VGS - Volts
TJ = 150ºC
25ºC
- 40ºC
Fig. 8. Transconductance
0
50
100
150
200
250
300
350
400
450
0
20
40
60
80
100
120
140
160
180
200
220
ID - Amperes
TJ = - 40ºC
150ºC
25ºC
Fig. 9. Forward Voltage Drop of
Intrinsic Diode
0
50
100
150
200
250
300
350
0.20.3
0.40.5
0.6
0.7
0.80.9
1.01.1
VSD - Volts
TJ = 150ºC
TJ = 25ºC
Fig. 10. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
100
200
300
400
500
600
700
800
QG - NanoCoulombs
VDS = 75V
I D = 180A
I G = 10mA
Fig. 11. Capacitance
100
1,000
10,000
100,000
0
5
10
15
20
25
30
35
40
VDS - Volts
f = 1 MHz
Ciss
Crss
Coss
Fig. 12. Forward-Bias Safe Operating Area
0.1
1.0
10.0
100.0
1,000.0
1
10
100
1,000
VDS - Volts
25µs
100µs
1ms
10ms
RDS(on) Limit
TJ = 175ºC
TC = 25ºC
Single Pulse
100ms
External Lead Limit
DC
IXYS REF: F_360N15T2 (9V)08-19-09



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com