Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN320N17T2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFN320N17T2
Description  GigaMOS TrenchT2 HiperFET Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN320N17T2 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFN320N17T2 Datasheet HTML 1Page - IXYS Corporation IXFN320N17T2 Datasheet HTML 2Page - IXYS Corporation IXFN320N17T2 Datasheet HTML 3Page - IXYS Corporation IXFN320N17T2 Datasheet HTML 4Page - IXYS Corporation IXFN320N17T2 Datasheet HTML 5Page - IXYS Corporation IXFN320N17T2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 175°C
170
V
V
DGR
T
J
= 25
°C to 175°C, R
GS = 1MΩ
170
V
V
GSS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C (Chip Capability)
260
A
I
L(RMS)
External Lead Current Limit
200
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
800
A
I
A
T
C = 25°C
100
A
E
AS
T
C = 25°C5
J
dV/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ ≤ 175°C
20
V/ns
P
D
T
C = 25°C
1070
W
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-55 ... +175
°C
T
L
1.6mm (0.062 in.) from Case for 10s
300
°C
T
SOLD
Plastic Body for 10s
260
°C
V
ISOL
50/60 Hz, RMS
t = 1 minute
2500
V~
I
ISOL ≤ 1mA
t = 1 second
3000
V~
M
d
Mounting Torque
1.5/13
Nm/lb.in.
Terminal Connection Torque
1.3/11.5
Nm/lb.in.
Weight
30
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 3mA
170
V
V
GS(th)
V
DS = VGS, ID = 8mA
2.5
5.0
V
I
GSS
V
GS = ±20V, VDS = 0V
±200 nA
I
DSS
V
DS = VDSS, VGS = 0V
50
μA
T
J = 150°C
5 mA
R
DS(on)
V
GS = 10V, ID = 60A, Note 1
5.2 m
Ω
GigaMOSTM TrenchT2
HiperFETTM
Power MOSFET
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Diode
IXFN320N17T2
Either Source Terminal S can be used as
the Source Terminal or the Kelvin Source
( Gate Return ) Terminal.
DS100189(09/09)
miniBLOC, SOT-227
E153432
G
D
S
S
G = Gate
D = Drain
S = Source
V
DSS
= 170V
I
D25
= 260A
R
DS(on)
≤≤≤≤ 5.2m
Ω
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤ 150ns
Features
International Standard Package
miniBLOC, with Aluminium Nitride
Isolation
Isolation Voltage 2500 V~
High Current Handling Capability
Fast Intrinsic Diode
Avalanche Rated
Low R
DS(on)
Advantages
Easy to Mount
Space Savings
High Power Density
Applications
Synchronous Recification
DC-DC Converters
Battery Chargers
Switched-Mode and Resonant-Mode
Power Supplies
DC Choppers
AC Motor Drives
Uninterruptible Power Supplies
High Speed Power Switching
Applications
Advance Technical Information


Similar Part No. - IXFN320N17T2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFN320N17T2 ISC-IXFN320N17T2 Datasheet
572Kb / 3P
N-Channel MOSFET Transistor
More results

Similar Description - IXFN320N17T2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFK360N15T2 IXYS-IXFK360N15T2 Datasheet
186Kb / 6P
GigaMOS TrenchT2 HiperFET Power MOSFET
IXFK320N17T2 IXYS-IXFK320N17T2 Datasheet
190Kb / 6P
GigaMOS TrenchT2 HiperFET Power MOSFET
IXFK240N15T2 IXYS-IXFK240N15T2 Datasheet
186Kb / 6P
GigaMOS TrenchT2 HiperFET Power MOSFET
IXFN240N15T2 IXYS-IXFN240N15T2 Datasheet
178Kb / 6P
GigaMOS TrenchT2 HiperFET Power MOSFET
IXFN520N075T2 IXYS-IXFN520N075T2 Datasheet
180Kb / 6P
TrenchT2 GigaMOS HiperFET Power MOSFET
IXFK220N17T2 IXYS-IXFK220N17T2 Datasheet
184Kb / 6P
GigaMOS TrenchT2 HiperFET Power MOSFET
IXFK520N075T2 IXYS-IXFK520N075T2 Datasheet
183Kb / 6P
TrenchT2 GigaMOS HiperFET Power MOSFET
IXFZ520N075T2 IXYS-IXFZ520N075T2 Datasheet
205Kb / 6P
TrenchT2 GigaMOS HiperFET Power MOSFET
IXFH160N15T2 IXYS-IXFH160N15T2 Datasheet
200Kb / 6P
TrenchT2 HiperFET Power MOSFET
IXTN550N055T2 IXYS-IXTN550N055T2 Datasheet
184Kb / 6P
TrenchT2 GigaMOS Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com