Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN320N17T2 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFN320N17T2
Description  GigaMOS TrenchT2 HiperFET Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN320N17T2 Datasheet(HTML) 2 Page - IXYS Corporation

  IXFN320N17T2 Datasheet HTML 1Page - IXYS Corporation IXFN320N17T2 Datasheet HTML 2Page - IXYS Corporation IXFN320N17T2 Datasheet HTML 3Page - IXYS Corporation IXFN320N17T2 Datasheet HTML 4Page - IXYS Corporation IXFN320N17T2 Datasheet HTML 5Page - IXYS Corporation IXFN320N17T2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXFN320N17T2
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Note 1. Pulse test, t
≤ 300μs; duty cycle, d ≤ 2%.
SOT-227B (IXFN) Outline
(M4 screws (4x) supplied)
ADVANCE TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived
from a subjective evaluation of the design, based upon prior knowledge and experience, and constitute a
"considered reflection" of the anticipated result. IXYS reserves the right to change limits, test
conditions, and dimensions without notice.
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 10V, ID = 60A, Note 1
120
190
S
C
iss
45
nF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
2890
pF
C
rss
410
pF
R
Gi
Gate Input Resistance
1.96
Ω
t
d(on)
46
ns
t
r
170
ns
t
d(off)
115
ns
t
f
230
ns
Q
g(on)
640
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 160A
185
nC
Q
gd
175
nC
R
thJC
0.14
°C/W
R
thCS
0.05
°C/W
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 100A
R
G = 1Ω (External)
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
320
A
I
SM
Repetitive, Pulse Width Limited by T
JM
1280
A
V
SD
I
F = 100A, VGS = 0V, Note 1
1.25
V
t
rr
150
ns
Q
RM
0.53
μC
I
RM
9.00
A
I
F = 160A, -di/dt = 100A/μs
V
R = 60V, VGS = 0V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com