Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny48-MMU Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATtiny48-MMU
Description  8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny48-MMU Datasheet(HTML) 1 Page - ATMEL Corporation

  ATtiny48-MMU Datasheet HTML 1Page - ATMEL Corporation ATtiny48-MMU Datasheet HTML 2Page - ATMEL Corporation ATtiny48-MMU Datasheet HTML 3Page - ATMEL Corporation ATtiny48-MMU Datasheet HTML 4Page - ATMEL Corporation ATtiny48-MMU Datasheet HTML 5Page - ATMEL Corporation ATtiny48-MMU Datasheet HTML 6Page - ATMEL Corporation ATtiny48-MMU Datasheet HTML 7Page - ATMEL Corporation ATtiny48-MMU Datasheet HTML 8Page - ATMEL Corporation ATtiny48-MMU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Features
• High Performance, Low Power AVR® 8-Bit Microcontroller
• Advanced RISC Architecture
– 123 Powerful Instructions – Most Single Clock Cycle Execution
– 32 x 8 General Purpose Working Registers
– Fully Static Operation
• High Endurance Non-volatile Memory Segments
– 4K/8K Bytes of In-System Self-Programmable Flash Program Memory
– 64/64 Bytes EEPROM
– 256/512 Bytes Internal SRAM
– Write/Erase Cycles: 10,000 Flash/100,000 EEPROM
– Data Retention: 20 years at 85
°C / 100 years at 25°C
– Programming Lock for Software Security
• Peripheral Features
– One 8-bit Timer/Counter with Separate Prescaler and Compare Mode
– One 16-bit Timer/Counter with Prescaler, and Compare and Capture Modes
– 6- or 8-channel 10-bit ADC
– Master/Slave SPI Serial Interface
– Byte-oriented 2-wire Serial Interface (Philips I2C Compatible)
– Programmable Watchdog Timer with Separate On-Chip Oscillator
– On-Chip Analog Comparator
– Interrupt and Wake-up on Pin Change
• Special Microcontroller Features
– debugWIRE On-Chip Debug System
– In-System Programmable via SPI Port
– Power-On Reset and Programmable Brown-Out Detection
– Internal Calibrated Oscillator
– External and Internal Interrupt Sources
– Three Sleep Modes: Idle, ADC Noise Reduction and Power-Down
– On-Chip Temperature Sensor
• I/O and Packages
– 24 Programmable I/O Lines:
• 28-pin PDIP
• 28-pad QFN/MLF
– 28 Programmable I/O Lines:
• 32-lead TQFP
• 32-pad QFN/MLF
• 32-ball UFBGA
• Operating Voltage:
–1.8
– 5.5V
• Temperature Range:
–-40
°C to +85°C
• Speed Grade:
–0
– 4 MHz @ 1.8 – 5.5V
–0
– 8 MHz @ 2.7 – 5.5V
–0
– 12 MHz @ 4.5 – 5.5V
• Low Power Consumption
– Active Mode: 1 MHz, 1.8V: 240 µA
– Power-Down Mode: 0.1 µA at 1.8V
8-bit
Microcontroller
with 4/8K Bytes
In-System
Programmable
Flash
ATtiny48/88
Preliminary
Summary
Rev. 8008FS–AVR–06/10


Similar Part No. - ATtiny48-MMU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY48-MMU ATMEL-ATTINY48-MMU Datasheet
698Kb / 22P
8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATtiny48-MMU ATMEL-ATtiny48-MMU Datasheet
6Mb / 266P
8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATTINY48-MMU ATMEL-ATTINY48-MMU Datasheet
8Mb / 302P
8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATTINY48-MMU ATMEL-ATTINY48-MMU Datasheet
728Kb / 23P
Microcontroller with 4/8K Bytes In-System Programmable Flash
ATTINY48-MMU ATMEL-ATTINY48-MMU Datasheet
937Kb / 26P
Microcontroller with 4/8K Bytes In-System Programmable Flash
More results

Similar Description - ATtiny48-MMU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY48 ATMEL-ATTINY48 Datasheet
698Kb / 22P
8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY48 ATMEL-ATTINY48_09 Datasheet
728Kb / 23P
8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY48 ATMEL-ATTINY48_1 Datasheet
6Mb / 266P
8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY88-AU ATMEL-ATTINY88-AU Datasheet
8Mb / 302P
8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com