Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny48-MMU Datasheet(PDF) 19 Page - ATMEL Corporation

Part # ATtiny48-MMU
Description  8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny48-MMU Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button ATtiny48-MMU Datasheet HTML 15Page - ATMEL Corporation ATtiny48-MMU Datasheet HTML 16Page - ATMEL Corporation ATtiny48-MMU Datasheet HTML 17Page - ATMEL Corporation ATtiny48-MMU Datasheet HTML 18Page - ATMEL Corporation ATtiny48-MMU Datasheet HTML 19Page - ATMEL Corporation ATtiny48-MMU Datasheet HTML 20Page - ATMEL Corporation ATtiny48-MMU Datasheet HTML 21Page - ATMEL Corporation ATtiny48-MMU Datasheet HTML 22Page - ATMEL Corporation ATtiny48-MMU Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
19
8008F–AVR–06/10
ATtiny48/88
7.4
32CC1
TITLE
DRAWING NO.
GPC
REV.
Package Drawing Contact:
packagedrawings@atmel.com
B
CAG
32CC1, 32-ball (6 x 6 Array), 4 x 4 x 0.6 mm
package, ball pitch 0.50 mm, Ultra Thin,
Fine-Pitch Ball Grid Array (UFBGA)
32CC1
A
–
–
0.60
A1
0.12
–
–
A2
0.38 REF
b
0.25
0.30
0.35
1
b1
0.25
–
–
2
D
3.90
4.00
4.10
D1
2.50 BSC
E
3.90
4.00
4.10
E1
2.50 BSC
e
0.50 BSC
07/06/10
b1
COMMON DIMENSIONS
(Unit of Measure = mm)
1 2
3
456
B
A
C
D
E
F
E
D
e
32-Øb
E
D
B
A
Pin#1 ID
0.08
A1
A
D1
E1
A2
A1 BALL CORNER
1 2
3
456
F
C
SIDE VIEW
BOTTOM VIEW
TOP VIEW
SYMBOL
MIN
NOM
MAX
NOTE
Note1: Dimension “b” is measured at the maximum ball dia. in a plane parallel
to the seating plane.
Note2: Dimension “b1” is the solderable surface defined by the opening of the
solder resist layer.
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com