Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST830-8GTR Datasheet(PDF) 8 Page - STMicroelectronics

Part # ACST830-8GTR
Description  Overvoltage protected AC switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST830-8GTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ACST830-8GTR Datasheet HTML 4Page - STMicroelectronics ACST830-8GTR Datasheet HTML 5Page - STMicroelectronics ACST830-8GTR Datasheet HTML 6Page - STMicroelectronics ACST830-8GTR Datasheet HTML 7Page - STMicroelectronics ACST830-8GTR Datasheet HTML 8Page - STMicroelectronics ACST830-8GTR Datasheet HTML 9Page - STMicroelectronics ACST830-8GTR Datasheet HTML 10Page - STMicroelectronics ACST830-8GTR Datasheet HTML 11Page - STMicroelectronics ACST830-8GTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Ordering information scheme
ACST8
8/13
Doc ID 7463 Rev 7
Figure 18.
Typical current and voltage waveforms across the ACST8 during
IEC 61000-4-5 standard test
3
Ordering information scheme
Figure 19.
Ordering information scheme
I
V
0
0
Vpeak =VCL
1.2/50 µs voltage surge
8/20 µs current surge
Ipeak = 160 A
dI/dt = 180 A/µs
ACS T 8 30 - 8
FP TR
AC switch
Topology
On-state rms current
Repetitive peak off-state voltage
Package
Delivery mode
T = Triac
8 = 8 A
8 = 800 V
FP = TO-220FPAB
T = TO-220AB
G = D2PAK
TR = Tape and reel
Blank = Tube
Triggering gate current
30 = 30 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com