Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST830-8GTR Datasheet(PDF) 3 Page - STMicroelectronics

Part # ACST830-8GTR
Description  Overvoltage protected AC switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST830-8GTR Datasheet(HTML) 3 Page - STMicroelectronics

  ACST830-8GTR Datasheet HTML 1Page - STMicroelectronics ACST830-8GTR Datasheet HTML 2Page - STMicroelectronics ACST830-8GTR Datasheet HTML 3Page - STMicroelectronics ACST830-8GTR Datasheet HTML 4Page - STMicroelectronics ACST830-8GTR Datasheet HTML 5Page - STMicroelectronics ACST830-8GTR Datasheet HTML 6Page - STMicroelectronics ACST830-8GTR Datasheet HTML 7Page - STMicroelectronics ACST830-8GTR Datasheet HTML 8Page - STMicroelectronics ACST830-8GTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ACST8
Characteristics
Doc ID 7463 Rev 7
3/13
Table 4.
Static characteristics
Symbol
Test conditions
Value
Unit
VTM
ITM = 11.3 A tp = 500 µs
Tj = 25 °C
Max
1.5
V
VTO
Threshold voltage
Tj = 125 °C
Max
0.9
V
RD
Dynamic resistance
Tj = 125 °C
Max
50
m
Ω
IDRM
IRRM
VOUT = VDRM / VRRM
Tj = 25 °C
Max
20
µA
Tj = 125 °C
1
mA
Table 5.
Thermal resistances
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient
TO-220FPAB
TO-220AB
60
°C/W
Junction to ambient (soldered on 1 cm2 copper pad)
D2PAK
45
Rth(j-c)
Junction to case (AC)
TO-220FPAB
3.6
TO-220AB, D2PAK
2
Figure 2.
Maximum power dissipation versus
on-state rms current
Figure 3.
On-state rms current versus case
temperature (full cycle)
P(W)
0
1
2
3
4
5
6
7
8
9
10
01
23
456
78
α=180 °
180°
I
(A)
T(RMS)
I
(A)
T(RMS)
0
1
2
3
4
5
6
7
8
9
0
25
50
75
100
125
α=180°
TO-220FPAB
220AB
D2PACK
TO-
T (°C)
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com