Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563S Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6563S
Description  Enhanced transition-mode PFC controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563S Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6563S Datasheet HTML 3Page - STMicroelectronics L6563S Datasheet HTML 4Page - STMicroelectronics L6563S Datasheet HTML 5Page - STMicroelectronics L6563S Datasheet HTML 6Page - STMicroelectronics L6563S Datasheet HTML 7Page - STMicroelectronics L6563S Datasheet HTML 8Page - STMicroelectronics L6563S Datasheet HTML 9Page - STMicroelectronics L6563S Datasheet HTML 10Page - STMicroelectronics L6563S Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
L6563S
Maximum ratings
Doc ID 16116 Rev 3
7/42
2
Maximum ratings
2.1
Absolute maximum ratings
2.2
Thermal data
Table 1.
Absolute maximum ratings
Symbol
Pin
Parameter
Value
Unit
Vcc
14
IC supply voltage (Icc = 20 mA)
self-limited
V
---
1, 3, 7
Max. pin voltage (Ipin =1 mA)
Self-limited
V
---
2, 4 to 6, 8, 10 Analog inputs and outputs
-0.3 to 8
V
VPWM_STOP
9
Analog output
-0.3 to Vcc
V
IPWM_STOP
9
Max. sink current
3
mA
IZCD
11
Zero current detector max. current
-10 (source)
10 (sink)
mA
VFF pin
5
Maximum withstanding voltage range
test condition: CDF-AEC-Q100-002
“human body model”
Acceptance criteria: “normal performance”
+/- 1250
V
Other pins
1 to 4
6 to 14
+/- 2000
V
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Max. thermal resistance, junction-to-ambient
120
°C/W
Ptot
Power dissipation @TA = 50 °C
0.75
W
TJ
Junction temperature operating range
-40 to 150
°C
Tstg
Storage temperature
-55 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com