Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563S Datasheet(PDF) 37 Page - STMicroelectronics

Part # L6563S
Description  Enhanced transition-mode PFC controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563S Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L6563S Datasheet HTML 33Page - STMicroelectronics L6563S Datasheet HTML 34Page - STMicroelectronics L6563S Datasheet HTML 35Page - STMicroelectronics L6563S Datasheet HTML 36Page - STMicroelectronics L6563S Datasheet HTML 37Page - STMicroelectronics L6563S Datasheet HTML 38Page - STMicroelectronics L6563S Datasheet HTML 39Page - STMicroelectronics L6563S Datasheet HTML 40Page - STMicroelectronics L6563S Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
L6563S
Application examples and ideas
Doc ID 16116 Rev 3
37/42
Figure 53.
Demonstration board EVL6563S-650W wide-range mains: electrical schematics
 
VCC
HS2
HEAT-SINK
HS1
HEAT-SINK
R29
56K
2
1
D3
1N5406
R14
56K
+400V
C8
100uF- 450V
F1
T10A- 250V
C2
470nF- X2- 275Vac
2
1
D4
STPSC806D
R11
27K
R39
0R47-2W
R4
1M0
R24
51K
R10
62K
R28
1K0
R15
3R9
R35
0R39-2W
C5
470nF- 630V
D8
LL4148
1
2
3
4
5
J2
R18
3R9
C17
2N2
R6
3M3
R25
1K5
C7
100uF - 450V
C1
470nF- X2- 275Vac
R5
1M0
R9
2M2
RX1
0R0
R19
1K0
C9
100uF- 450V
R21
1K0
1
Q3
STF12NM50N
R12
47K
R7
1M0
1
Q4
STF12NM50N
2
1
D9
LL4148
R8
3M3
R33
470R
1
3
J1
CON2-IN
R31
2M2
1
4
3
2
L1
TOROIDE- 320uH
R40
2M2
1
Q2
STF12NM50N
C11
100N
R22
24K
JP3
N.M.
+
-
~
~
D2
D15XB60
+
-
~
~
D5
D15XB60
R32
1M0
C12
100uF -50V
C4
470nF - 630V
R13
10R
C14
470nF - 50V
2
1
D7
LL4148
R23
3R9
VCC
R3
NTC2R5-S238
R41
2M2
C13
1uF
R17
3K3
R20
6R8
C10
100uF -450V
R27
470R
C19
2N2
C18
1uF
R37
0R39-2W
2
1
D10
LL4148
1
Q5
BC857C
C16
220PF
R30
470R
R26
6R8
R42
51K
C6
1uF- 630V
C15
100PF
D6
LL4148
R16
6R8
C3
680nF- X2 - 275Vac
L4
??-51u H-8A
C21
2N2
+400Vout
90 - 265Vac
NC
RTN
+400Vdc
RTN
+400Vdc
+400V
1
Q1
BC547C
INV
1
COMP
2
MULT
3
CS
4
VFF
5
TBO
6
PFC-OK
7
PWM-LATCH
8
PWM-STOP
11
RUN
12
ZCD
13
GND 14
GD 15
VCC
16
HVS 9
NC 10
U1
L6563S
1
2
3
4
L3
RES
3
4
8
1
K1
G6C-114P-US1
R34
0R47-2W
R36
0R47-2W
C20
330PF
R38
0R39-2W
1
2
3
4
L2
CM-1.5mH-8A
R2
24K
D1
STPS1L60A
R1
47K
JP4
N.M.
R43
470R
PW M_S TOP
PW M_S TOP
PW M_S TOP
1
2
3
4
5
J3
CON5
VC C
ON/O FF
GND
PW M_LAT CH
PW M_S TOP
PW M_STO P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com