Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563STR Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6563STR
Description  Enhanced transition-mode PFC controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563STR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6563STR Datasheet HTML 2Page - STMicroelectronics L6563STR Datasheet HTML 3Page - STMicroelectronics L6563STR Datasheet HTML 4Page - STMicroelectronics L6563STR Datasheet HTML 5Page - STMicroelectronics L6563STR Datasheet HTML 6Page - STMicroelectronics L6563STR Datasheet HTML 7Page - STMicroelectronics L6563STR Datasheet HTML 8Page - STMicroelectronics L6563STR Datasheet HTML 9Page - STMicroelectronics L6563STR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Device description
L6563S
6/42
Doc ID 16116 Rev 3
1
Device description
The L6563S is a current-mode PFC controller operating in transition mode (TM). Coming
with the same pin-out as its predecessor L6563, it offers improved performance and
additional functions.
The highly linear multiplier, along with a special correction circuit that reduces crossover
distortion of the mains current, allows wide-range-mains operation with an extremely low
THD even over a large load range.
The output voltage is controlled by means of a voltage-mode error amplifier and an accurate
(1% @ TJ = 25 °C) internal voltage reference. Loop’s stability is optimized by the voltage feedforward
function (1/V2 correction), which in this IC uses a proprietary technique that considerably improves line
transient response as well in case of mains both drops and surges (“bidirectional”).
Additionally, the IC provides the option for tracking boost operation, i.e. the output voltage is
changed tracking the mains voltage.
The device includes disable functions suitable for remote ON/OFF control both in systems
where the PFC pre-regulator works as a master and in those where it works as a slave. In
addition to an overvoltage protection able to keep the output voltage under control during
transient conditions, the IC is provided also with a protection against feedback loop failures
or erroneous settings. Other on-board protection functions allow that brownout conditions
and boost inductor saturation can be safely handled.
An interface with the PWM controller of the DC-DC converter supplied by the PFC pre-
regulator is provided: the purpose is to stop the operation of the converter in case of
anomalous conditions for the PFC stage (feedback loop failure, boost inductor’s core
saturation, etc.) and to disable the PFC stage in case of light load for the DC-DC converter,
so as to make it easier to comply with energy saving norms (Blue Angel, EnergyStar,
Energy2000, etc.).
The totem-pole output stage, capable of 600 mA source and 800 mA sink current, is suitable
for big MOSFET or IGBT drive. This, combined with the other features and the possibility to
operate with ST’s proprietary Fixed-Off-Time control, makes the device an excellent solution
for SMPS up to 400 W that need to be compliant with EN61000-3-2 and JEITA-MITI
standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com