Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563STR Datasheet(PDF) 34 Page - STMicroelectronics

Part # L6563STR
Description  Enhanced transition-mode PFC controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563STR Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L6563STR Datasheet HTML 30Page - STMicroelectronics L6563STR Datasheet HTML 31Page - STMicroelectronics L6563STR Datasheet HTML 32Page - STMicroelectronics L6563STR Datasheet HTML 33Page - STMicroelectronics L6563STR Datasheet HTML 34Page - STMicroelectronics L6563STR Datasheet HTML 35Page - STMicroelectronics L6563STR Datasheet HTML 36Page - STMicroelectronics L6563STR Datasheet HTML 37Page - STMicroelectronics L6563STR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
Application information
L6563S
34/42
Doc ID 16116 Rev 3
Table 5.
Summary of L6563S idle states
Condition
Caused or revealed
bey
IC
behavior
Restart
condition
Typical IC
consumption
PWM_LATCH
Status
PWM_STOP
Status
UVLO
Vcc < VccOff
Disabled
Vcc > VccOn
90 µA
Off
High
Feedback
disconnected
PFC_OK
> VPFC_OK_S
AND
INV < PFC_OK - 40mV
Latched
Vcc < Vccrestart
then
Vcc > VccOn
180 µA
High
High
Standby
PFC_OK
< VPFC_OK_D
Stop
switching
PFC_OK
>
VPFC_OK_E
1.5 mA
Off
High
AC brownout
RUN < VDIS
RUN > VEN
1.5 mA
Off
Low
OVP
PFC_OK
> VPFC_OK_S
PFC_OK
<
VPFC_OK_R
2.2 mA
Off
High
Low
consumption
COMP < 2.4V
Burst
mode
COMP > 2.4V
2.2 mA
Off
High
Saturated
boost
inductor
Vcs > VCS_th
Doubled
Tstart
Auto restart
2.2 mA
Off
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com