Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPR510AL Datasheet(PDF) 5 Page - STMicroelectronics

Part # LPR510AL
Description  MEMS motion sensor: dual axis pitch and roll ±100°/s analog gyroscope
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPR510AL Datasheet(HTML) 5 Page - STMicroelectronics

  LPR510AL Datasheet HTML 1Page - STMicroelectronics LPR510AL Datasheet HTML 2Page - STMicroelectronics LPR510AL Datasheet HTML 3Page - STMicroelectronics LPR510AL Datasheet HTML 4Page - STMicroelectronics LPR510AL Datasheet HTML 5Page - STMicroelectronics LPR510AL Datasheet HTML 6Page - STMicroelectronics LPR510AL Datasheet HTML 7Page - STMicroelectronics LPR510AL Datasheet HTML 8Page - STMicroelectronics LPR510AL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LPR510AL
Mechanical and electrical specifications
Doc ID 15811 Rev 2
5/12
2
Mechanical and electrical specifications
2.1
Mechanical characteristics
Table 3.
Mechanical characteristics @ Vdd = 3 V, T = 25 °C unless otherwise noted(1)
Symbol
Parameter
Test condition
Min.
Typ.(2)
Max.
Unit
FSA
Measurement range
4x OUT (amplified)
±100
°/s
FS
OUT (not amplified)
±400
°/s
SoA
Sensitivity(3)
4x OUT (amplified)
10
mV/ °/s
So
OUT (not amplified)
2.5
mV/ °/s
SoDr
Sensitivity change vs
temperature
Delta from 25°C
0.03
%/°C
Voff
Zero-rate level(3)
1.23
V
Vref
Reference voltage
1.23
V
OffDr
Zero-rate level change
Vs temperature
Delta from 25°C
0.02
°/s/°C
NL
Non linearity
Best fit straight line
±1
% FS
BW
Bandwidth(4)
140
Hz
Rn
Rate noise density
0.017
°/s /
Top
Operating
temperature range
-40
+85
°C
1.
The product is factory calibrated at 3 V. The operational power supply range is specified in
Table 4.
2.
Typical specifications are not guaranteed
3.
Sensitivity and zero-rate level are not ratiometric to supply voltage
4.
The product is capable of measuring angular rates extending from DC to the selected BW.
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com