Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPR510AL Datasheet(PDF) 1 Page - STMicroelectronics

Part # LPR510AL
Description  MEMS motion sensor: dual axis pitch and roll ±100°/s analog gyroscope
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPR510AL Datasheet(HTML) 1 Page - STMicroelectronics

  LPR510AL Datasheet HTML 1Page - STMicroelectronics LPR510AL Datasheet HTML 2Page - STMicroelectronics LPR510AL Datasheet HTML 3Page - STMicroelectronics LPR510AL Datasheet HTML 4Page - STMicroelectronics LPR510AL Datasheet HTML 5Page - STMicroelectronics LPR510AL Datasheet HTML 6Page - STMicroelectronics LPR510AL Datasheet HTML 7Page - STMicroelectronics LPR510AL Datasheet HTML 8Page - STMicroelectronics LPR510AL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Preliminary data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
July 2009
Doc ID 15811 Rev 2
1/12
12
LPR510AL
MEMS motion sensor:
dual axis pitch and roll ±100°/s analog gyroscope
Features
2.7 V to 3.6 V single-supply operation
Wide operating temperature range
(-40 °C to +85 °C)
High stability overtemperature
Analog absolute angular-rate output
Two separate outputs for each axis
(1x and 4x amplified)
Integrated low-pass filters
Low power consumption
Embedded power-down
Embedded self-test
High shock and vibration survivability
ECOPACK® RoHS and “Green” compliant
(see
Section 5)
Applications
GPS navigation systems
Motion tracking
Pointing devices, remote and game controllers
Motion control with user interface
Industrial and robotics
Description
The LPR510AL is a low-power dual-axis
micromachined gyroscope capable of measuring
angular rate along pitch and roll axes.
It provides excellent temperature stability and
high resolution over an extended operating
temperature range (-40 °C to +85 °C).
The LPR510AL has a full scale of ±100 °/s and is
capable of detecting rates with a -3 dB bandwidth
up to 140 Hz. The gyroscope is the combination
of one actuator and one accelerometer integrated
in a single micromachined structure.
It includes a sensing element composed by single
driving mass, kept in continuous oscillating
movement and able to react when an angular rate
is applied based on the Coriolis principle.
A CMOS IC provides the measured angular rate
to the external world through an analog output
voltage, allowing high level of integration and
production trimming to better match sensing
element characteristics.
ST’s gyroscope family leverages on robust and
mature manufacturing process already used for
the production of micromachined accelerometers.
ST is already in the field with several hundreds
million sensors with excellent acceptance from
the market in terms of quality, reliability and
performance.
LPR510AL is provided in plastic land grid array
(LGA) package. Several years ago ST pioneered
successfully the usage of this package for
accelerometers. Today ST has the widest
manufacturing capability and strongest expertise
in the world for production of sensor in plastic
LGA package.
LGA-16L (5x5x1.5mm)
Table 1.
Device summary
Order code
Temperature range (°C)
Package
Packing
LPR510AL
-40 to +85
LGA-16 (5x5x1.5)
Tray
LPR510ALTR
-40 to +85
LGA-16 (5x5x1.5)
Tape and reel
www.st.com


Similar Part No. - LPR510AL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPR510AL STMICROELECTRONICS-LPR510AL Datasheet
165Kb / 1P
STMICROELECTRONICS Analog ICs
LPR510ALTR STMICROELECTRONICS-LPR510ALTR Datasheet
165Kb / 1P
STMICROELECTRONICS Analog ICs
More results

Similar Description - LPR510AL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPR430AL STMICROELECTRONICS-LPR430AL Datasheet
262Kb / 14P
MEMS motion sensor: dual-axis pitch and roll 짹300 dps analog gyroscope
29-Oct-2009
LPR403AL STMICROELECTRONICS-LPR403AL Datasheet
262Kb / 14P
MEMS motion sensor: dual-axis pitch and roll ±30 dps analog gyroscope
29-Oct-2009
LPR410AL STMICROELECTRONICS-LPR410AL Datasheet
262Kb / 14P
MEMS motion sensor: dual-axis pitch and roll ±100 dps analog gyroscope
29-Oct-2009
LPR450AL STMICROELECTRONICS-LPR450AL Datasheet
262Kb / 14P
MEMS motion sensor: dual-axis pitch and roll ±500 dps analog gyroscope
29-Oct-2009
LPR503AL STMICROELECTRONICS-LPR503AL Datasheet
224Kb / 12P
MEMS motion sensor: dual axis pitch and roll ±30°/s analog gyroscope
06-Jul-2009
LPR530AL STMICROELECTRONICS-LPR530AL Datasheet
225Kb / 12P
MEMS motion sensor: dual axis pitch and roll ±300°/s analog gyroscope
06-Jul-2009
LPR550AL STMICROELECTRONICS-LPR550AL Datasheet
227Kb / 12P
MEMS motion sensor: dual axis pitch and roll ±500°/s analog gyroscope
06-Jul-2009
LPR4150AL STMICROELECTRONICS-LPR4150AL Datasheet
262Kb / 14P
MEMS motion sensor: dual-axis pitch and roll ±1500 dps analog gyroscope
29-Oct-2009
LPR5150AL STMICROELECTRONICS-LPR5150AL Datasheet
226Kb / 12P
MEMS motion sensor: dual axis pitch and roll ±1500°/s analog gyroscope
06-Jul-2009
LPY530AL STMICROELECTRONICS-LPY530AL Datasheet
228Kb / 12P
MEMS motion sensor: dual axis pitch and yaw ±300°/s analog gyroscope
06-Jul-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com