Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3156 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3156
Description  HIGH EFFICIENCY 1X/1.5X/2X CHARGE PUMP FOR WHITE LED APPLICATIONS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3156 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3156 Datasheet HTML 1Page - Diodes Incorporated AP3156 Datasheet HTML 2Page - Diodes Incorporated AP3156 Datasheet HTML 3Page - Diodes Incorporated AP3156 Datasheet HTML 4Page - Diodes Incorporated AP3156 Datasheet HTML 5Page - Diodes Incorporated AP3156 Datasheet HTML 6Page - Diodes Incorporated AP3156 Datasheet HTML 7Page - Diodes Incorporated AP3156 Datasheet HTML 8Page - Diodes Incorporated AP3156 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AP3156
HIGH EFFICIENCY 1X/1.5X/2X CHARGE PUMP
FOR WHITE LED APPLICATIONS
AP3156 Rev. 1
2 of 15
SEPTEMBER 2009
www.diodes.com
© Diodes Incorporated
Package
Packing
Lead Free
7 : Tape & Reel
G : Green
AP 3156 FV G - 7
FV : QFN4040-16
Device
Package
Code
Packaging
(Note 2)
7” Tape and Reel
Quantity
Part Number Suffix
AP3156FVG-7
FV
QFN4040-16
1500/Tape & Reel
-7
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
VIN
D1
GND
4
3
2
1
10
11
12
9
SDI
D6
Exposed
Pad
NC
VOUT
GND
(Top View)
QFN4040-16
Ordering Information
Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com