Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3156 Datasheet (PDF) - Diodes Incorporated

AP3156 Datasheet PDF - Diodes Incorporated
Part # AP3156
Download  AP3156 Download
File Size   419.84 Kbytes
Page   15 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH EFFICIENCY 1X/1.5X/2X CHARGE PUMP FOR WHITE LED APPLICATIONS

AP3156 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3156 Datasheet PDF - Diodes Incorporated

Part # AP3156
Download  AP3156 Click to download

File Size   419.84 Kbytes
Page   15 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH EFFICIENCY 1X/1.5X/2X CHARGE PUMP FOR WHITE LED APPLICATIONS

AP3156 Datasheet (HTML) - Diodes Incorporated


AP3156 Product details

General Description
The AP3156 is a low noise, constant frequency charge pump DC/DC converter that uses a tri-mode load switch (1X), fractional (1.5X), and doubling (2X) conversion to maximize efficiency for white LED applications. The AP3156 is capable of driving the LED channels at 120mA maximum from a 2.7V to 5.5V input. The current sinks may be operated individually or in parallel for driving higher-current LEDs. A low external parts count (two 1µF flying capacitors and two small 1µF capacitors at VIN and VOUT) make this part ideally suited for small, battery-powered applications.

Features
• VIN Range: 2.7V to 5.5V
• Fully Programmable Current with Single Wire
    • 32-Step Logarithmic Scale
    • 20/25mA Max Current per Channel
    • Four Low Current Settings Down to 50µA
    • Low IQ (50µA) for Low Current Mode
• Tri-Mode 1X, 1.5X, and 2X Charge Pump for Maximum Efficiency and VF Coverage
• Drives up to Six Channels of LEDs
• Individual Main/Sub-Group Control
• No Inductors, Low Noise Operation
• 0.5/1/2MHz Constant Switching Frequency
• Small Application Circuit
• Built-In Thermal Protection
• Built-In Auto-Disable For Open Circuit
• Automatic Soft Start
• IQ <1µA in Shutdown
• Thermally-Enhanced QFN4040-16 Package: Available in “Green” Molding Compound (No Br, Sb)
• Lead Free Finish / RoHS Compliant (Note 1)

Applications
• Color (RGB) Lighting
• Programmable Current Sinks
• White LED Backlighting
• White Photo Flash for Digital Still Cameras




Similar Part No. - AP3156

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3156 DIODES-AP3156 Datasheet
189Kb / 2P
Small LCD screen backlighting charge pump LED drivers
AP3156FVG-7 DIODES-AP3156FVG-7 Datasheet
189Kb / 2P
Small LCD screen backlighting charge pump LED drivers
More results


Similar Description - AP3156

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3152 ANALOGICTECH-AAT3152 Datasheet
123Kb / 10P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3142 ANALOGICTECH-AAT3142 Datasheet
416Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3140.2007.03.1.3
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3142.2007.03.1.2
AAT3151 AAT-AAT3151 Datasheet
444Kb / 15P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
3151.2007.03.1.10
logo
Advanced Analogic Techn...
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3167 AAT-AAT3167 Datasheet
438Kb / 14P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3167.2007.03.1.4
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3169.2006.08.1.2
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AATIAN60 SIGE-AATIAN60 Datasheet
87Kb / 4P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com