Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPY450AL Datasheet(PDF) 8 Page - STMicroelectronics

Part # LPY450AL
Description  MEMS motion sensor: dual-axis pitch and yaw ±500 dps analog gyroscope
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPY450AL Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LPY450AL Datasheet HTML 4Page - STMicroelectronics LPY450AL Datasheet HTML 5Page - STMicroelectronics LPY450AL Datasheet HTML 6Page - STMicroelectronics LPY450AL Datasheet HTML 7Page - STMicroelectronics LPY450AL Datasheet HTML 8Page - STMicroelectronics LPY450AL Datasheet HTML 9Page - STMicroelectronics LPY450AL Datasheet HTML 10Page - STMicroelectronics LPY450AL Datasheet HTML 11Page - STMicroelectronics LPY450AL Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Terminology
LPY450AL
8/14
Doc ID 16580 Rev 1
4
Terminology
4.1
Sensitivity
An angular rate gyroscope is a device that produces a positive-going output voltage for
counterclockwise rotation around the sensitive axis considered. Sensitivity describes the
gain of the sensor and can be determined by applying a defined angular velocity to it. This
value changes very little over temperature and time.
4.2
Zero-rate level
Zero-rate level describes the actual output signal if there is no angular rate present. The
zero-rate level of precise MEMS sensors is, to some extent, a result of stress to the sensor
and therefore zero-rate level can slightly change after mounting the sensor onto a printed
circuit board or after exposing it to extensive mechanical stress. This value changes very
little over temperature and time.
4.3
Self-test
Self-test allows testing of the mechanical and electrical part of the sensor, allowing the
seismic mass to be moved by means of an electrostatic test-force. The self-test function is
off when the ST pin is connected to GND. When the ST pin is tied to Vdd, an actuation force
is applied to the sensor, emulating a definite Coriolis force. In this case the sensor output
exhibits a voltage change in its DC level which is also dependent on the supply voltage.
When ST is active, the device output level is given by the algebraic sum of the signals
produced by the velocity acting on the sensor and by the electrostatic test-force. If the output
signals change within the amplitude specified in
Table 3, then the mechanical element is
working properly and the parameters of the interface chip are within the defined
specifications.
4.4
High pass filter reset (HP)
The LPY450AL provides the possibility to reset the optional external high-pass filter by
applying a high logic value to the HP pad. This procedure ensures faster response,
especially during overload conditions. Moreover, this operation is recommended each time
the device is powered.
4.5
Sleep mode, self-test and power-down
The LPY450AL enables advanced power-saving features thanks to the availability of three
different operating modes. When the device is set in a Sleep mode configuration, the
reading chain is completely turned off, resulting in low power consumption. In this condition
the device turn-on time is significantly reduced, allowing simple external power cycling.
In accordance with the table below, the user can select the desired operating mode using
two dedicated pins (ST and SLEEP/PD).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com