Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPY450AL Datasheet(PDF) 5 Page - STMicroelectronics

Part # LPY450AL
Description  MEMS motion sensor: dual-axis pitch and yaw ±500 dps analog gyroscope
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPY450AL Datasheet(HTML) 5 Page - STMicroelectronics

  LPY450AL Datasheet HTML 1Page - STMicroelectronics LPY450AL Datasheet HTML 2Page - STMicroelectronics LPY450AL Datasheet HTML 3Page - STMicroelectronics LPY450AL Datasheet HTML 4Page - STMicroelectronics LPY450AL Datasheet HTML 5Page - STMicroelectronics LPY450AL Datasheet HTML 6Page - STMicroelectronics LPY450AL Datasheet HTML 7Page - STMicroelectronics LPY450AL Datasheet HTML 8Page - STMicroelectronics LPY450AL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LPY450AL
Mechanical and electrical specifications
Doc ID 16580 Rev 1
5/14
2
Mechanical and electrical specifications
2.1
Mechanical characteristics
Vdd = 3 V, T = 25 °C unless otherwise noted(a)
a.
The product is factory calibrated at 3 V. The operational power supply range is specified in
Table 4.
Table 3.
Mechanical characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
FSA
Measurement range
4x OUT (amplified)
±500
dps
FS
OUT (not amplified)
±2000
dps
SoA
Sensitivity(2)
4x OUT (amplified)
2
mV/dps
So
OUT (not amplified)
0.5
mV/dps
SoDr
Sensitivity change vs.
temperature
Delta from 25°C
0.07
%/°C
Voff
Zero-rate level(3)
1.5
V
Vref
Reference voltage
1.5
V
OffDr
Zero-rate level change
vs. temperature
Delta from 25°C
0.08
dps/°C
NL
Non linearity
Best fit straight line
±1
% FS
BW
Bandwidth(3)
140
Hz
Vst
Self-test output
change
250(4)
mV
Rn
Rate noise density
0.025
dps/
√Hz
Top
Operating
temperature range
-40
+85
°C
1.
Typical specifications are not guaranteed.
2.
Sensitivity and zero-rate level are not ratiometric to supply voltage.
3.
The product is capable of measuring angular rates extending from DC to the selected BW.
4.
Self test typical absolute value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com