Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPY510AL Datasheet(PDF) 8 Page - STMicroelectronics

Part # LPY510AL
Description  MEMS motion sensor: dual axis pitch and yaw ±100°/s analog gyroscope
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPY510AL Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LPY510AL Datasheet HTML 4Page - STMicroelectronics LPY510AL Datasheet HTML 5Page - STMicroelectronics LPY510AL Datasheet HTML 6Page - STMicroelectronics LPY510AL Datasheet HTML 7Page - STMicroelectronics LPY510AL Datasheet HTML 8Page - STMicroelectronics LPY510AL Datasheet HTML 9Page - STMicroelectronics LPY510AL Datasheet HTML 10Page - STMicroelectronics LPY510AL Datasheet HTML 11Page - STMicroelectronics LPY510AL Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Application hints
LPY510AL
8/12
Doc ID 15805 Rev 2
4
Application hints
Figure 3.
LPY510AL electrical connections and external components values
Power supply decoupling capacitors (100 nF ceramic or polyester + 10 µF Aluminum)
should be placed as near as possible to the device (common design practice).
The LPY510AL allows band limiting the output rate response through the use of an external
low pass filter (suggested) and/or high pass filter (optional) in addition to the embedded low
pass filter (ft = 140 Hz).
4xOUTX and 4xOUTZ are respectively OUTX and OUTZ amplified outputs lines, internally
buffered to ensure low output impedance.
If external high pass or low pass filtering is not applied it is mandatory to short-circuit
respectively pad 4 to pad 5 and pad 9 to pad 10 when amplified outputs are used.
When only outputs are used (OUTX/Z), it is suggested to set pads 5 and 9 to fixed reference
voltage (Vref).
When high pass filter is applied to not amplified output (OUTx), it is recommended to buffer
the line before entering ADC for performance optimization.
The LPY510AL IC includes a PLL (phase locked loop) circuit to synchronize driving and
sensing interfaces. Capacitors and resistors must be added at FILTVDD and VCONT pins
(as shown in
Figure 3) to implement a low-pass filter.
100 nF
10kOhm
470nF
Vdd
GND
HP
Vref
C2
R1
C1
GND
10 µF
GND
Recomended
Low-pass filter
LPY510AL
(Top View)
1
16
14
13
9
8
6
5
10nF
PD
ST
GND
Optional
High-pass filter
Vref
GND
Typical values:
C1
R1
C2
R2
C1
R1
C2
R2
R1 = 1MOhm
C1 = 4.7 uF
R2 = 33kOhm
C2 = 2.2nF to 2.2uF
Not amplified
(TOP VIEW)
DIRECTION OF THE
DETECTABLE
ANGULAR RATES
+Ω
x
+Ω
z
filtered output X
Not amplified
filtered output Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com