Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPY510AL Datasheet(PDF) 4 Page - STMicroelectronics

Part # LPY510AL
Description  MEMS motion sensor: dual axis pitch and yaw ±100°/s analog gyroscope
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPY510AL Datasheet(HTML) 4 Page - STMicroelectronics

  LPY510AL Datasheet HTML 1Page - STMicroelectronics LPY510AL Datasheet HTML 2Page - STMicroelectronics LPY510AL Datasheet HTML 3Page - STMicroelectronics LPY510AL Datasheet HTML 4Page - STMicroelectronics LPY510AL Datasheet HTML 5Page - STMicroelectronics LPY510AL Datasheet HTML 6Page - STMicroelectronics LPY510AL Datasheet HTML 7Page - STMicroelectronics LPY510AL Datasheet HTML 8Page - STMicroelectronics LPY510AL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Block diagram and pin description
LPY510AL
4/12
Doc ID 15805 Rev 2
Table 2.
Pin description
Pin #
Pin name
Analog function
1
GND
0V supply voltage
2
FILTVDD
PLL filter connection pin #2
3
VCONT
PLL filter connection pin #1
4
OUTX
Not amplified output
5
4xINX
Input of 4x amplifier
6
4xOUTX
X rate signal output voltage (amplified)
7
Vref
Reference voltage
8
4xOUTZ
Z rate signal output voltage (amplified)
9
4xINZ
Input of 4x amplifier
10
OUTZ
Not amplified output
11
ST
Self-test (logic 0: normal mode; logic 1: self-test)
12
PD
Power-down (logic 0: normal mode; logic 1: power-down
mode)
13
HP
High pass filter reset (logic 0: normal operation mode;
logic1: external high pass filter is reset)
14,15
Res
Reserved. Connect to Vdd
16
Vdd
Power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com