Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LY530AL Datasheet(PDF) 9 Page - STMicroelectronics

Part # LY530AL
Description  MEMS inertial sensor single-axis analog and digital output yaw rate gyroscope
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LY530AL Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LY530AL Datasheet HTML 5Page - STMicroelectronics LY530AL Datasheet HTML 6Page - STMicroelectronics LY530AL Datasheet HTML 7Page - STMicroelectronics LY530AL Datasheet HTML 8Page - STMicroelectronics LY530AL Datasheet HTML 9Page - STMicroelectronics LY530AL Datasheet HTML 10Page - STMicroelectronics LY530AL Datasheet HTML 11Page - STMicroelectronics LY530AL Datasheet HTML 12Page - STMicroelectronics LY530AL Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LY530AL
Mechanical and electrical specifications
9/30
Vt
Self-test output
change(4)
230
LSb
Fres
Sensing element
resonant frequency
4.5
kHz
Top
Operating
temperature range
-40
+85
°C
Wh
Product weight
160
mg
1.
The product is factory calibrated at 3.3 V. The operational power supply range is specified in
Table 5.
2.
Typical specifications are not guaranteed
3.
The product is capable of sensing angular rates extending from DC to the selected bandwidth
4.
“Self test output change” is defined as OUTPUT[LSb](Self-test bit on OUTPUT_SEL_REG=1) OUTPUT[LSb](Self-test bit on
OUTPUT_SEL_REG=0).
Table 4.
Mechanical characteristics @ Vdd = 3.3 V, T = 25 °C unless otherwise noted(1)
Symbol
Parameter
Test condition
Min.
Typ.(2)
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com