Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LY530AL Datasheet(PDF) 13 Page - STMicroelectronics

Part # LY530AL
Description  MEMS inertial sensor single-axis analog and digital output yaw rate gyroscope
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LY530AL Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LY530AL Datasheet HTML 9Page - STMicroelectronics LY530AL Datasheet HTML 10Page - STMicroelectronics LY530AL Datasheet HTML 11Page - STMicroelectronics LY530AL Datasheet HTML 12Page - STMicroelectronics LY530AL Datasheet HTML 13Page - STMicroelectronics LY530AL Datasheet HTML 14Page - STMicroelectronics LY530AL Datasheet HTML 15Page - STMicroelectronics LY530AL Datasheet HTML 16Page - STMicroelectronics LY530AL Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LY530AL
Mechanical and electrical specifications
13/30
2.5
Absolute maximum ratings
Stresses above those listed as “Absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
Table 8.
Absolute maximum ratings
Symbol
Ratings
Maximum value
Unit
Vdd
Supply voltage
-0.3 to 6
V
Vin
Input voltage on any control pin (PD, ST)
-0.3 to Vdd +0.3
V
AUNP
Acceleration (not powered)
3000 g for 0.5 ms
10000 g for 0.1 ms
TSTG
Storage temperature range
-40 to +125
°C
ESD
Electrostatic discharge protection
2 (HBM)
kV
This is a mechanical shock sensitive device, improper handling can cause permanent
damage to the part
This is an ESD sensitive device, improper handling can cause permanent damage to
the part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com