Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX2010 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPX2010
Description  Washing Appliance Sensor Selection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX2010 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPX2010 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX2010 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX2010 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX2010 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX2010 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX2010 Datasheet HTML 6Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AN1668
Sensors
Freescale Semiconductor
3
AMPLIFIER SELECTION AND AMPLIFIER
INDUCED ERRORS
A differential amplifier is needed to convert the differential
output of the MPX2010 sensor to a high level ground-
referenced (single-ended). The classic three-op amp
instrumentation amplifier can be used. However, it requires
additional components (3 op-amps and possibly a split power
supply). An instrumentation topology shown in Figure 1
requires only a single supply and only 2 op-amps and 1%
resistors.
Figure 1. MPX2010 Amplifier Circuit
The circuit uses a voltage divider R+S1 and R+S2 to
provide the reference (level shift), U1A and U1B are non-
inverting amplifiers arranged in a differential configuration with
gain resistors R1, R2, R3, and R4. Note that U1B is the main
gain stage and it has the most gain. It is recommended to
place a 0.015 µF capacitor in it's feedback loop (in parallel with
R4) to reduce noise. The amplifier output can be
characterized with the equation below:
Equation 4 is the differential gain of the amplifier and
equation 5 is the resulting offset voltage of the amplifier.
The above equations assume that the amplifier is close to
ideal (high AOL, low input offset voltage and low input offset
bias currents). Since an ideal op-amp is hard to come by, the
customer should select an op-amp based on cost and
performance. Below are some points to keep in mind when
selecting an op-amp and designing the amplifier circuit.
Note that the ratio R2*R4/R1*R3 controls the system offset
as well as the common mode error of the amplifier.
Mismatches in these resistors will result in an offset and
common mode error which appear as offset. It is therefore
recommended to use 1% metal film resistors to reduce these
errors. Also, VREF source impedance should be minimized in
comparison with R1 in order to reduce common mode error.
Amplifier input offset and input bias currents can induce
errors. For example, an input offset (Vio) of the amplifier can
become significant when the closed-loop gain of the amplifier
is increased. Furthermore, there is also a temperature
coefficient of the input voltage offset which contribute an
additional error across temperature. If the input bias current of
the amplifier is not taken into account in the design, it can also
become a source of error. A technique to reduce this error is
to match the impedance the source impedance of what the op-
amp input pins sees.
It is important to note that high performance op-amps are
more expensive. An MC33272 op-amp has a low input offset
and low input bias current which is suitable for the two-op amp
amplifier design. We can see that there is a tradeoff between
accuracy and cost when designing a solution with the
MPX2010.
When designing a system based on the MPX2010, it is
important to take into account errors due to parametric
variation of the sensor (i.e., offset calibration, span calibration,
TcS, TcO), power supply and the inherent errors of the
amplification circuit. The offset and span errors greatly
determines the resolution of the system (which adds to the
system error). Even though the system offset error can be
2
3
6
X1
3
12
4
R+S1
R+S2
+VCC
S +
S –
Pressure Sensor
+VCC
VREF
5
U1B
R1
R2
U1A
R4
R3
1
7
VOUT_FS
+
–
–
+
(4)
Gain
R4
R3
-------- 1
+
=
(5)
Voffset
VREF
R2 R1
⋅
R1 R3
⋅
---------------------
⎝⎠
⎛⎞ VSCM R2 R4
⋅
R1 R3
⋅
---------------------
⎝⎠
⎛⎞
1
–
–
=
(6)
Vout = (S+ - S-) Gain + Voffset
(7)
where (S+ - S-) = Sensor differential output + Sensor offset



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com