Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX2010 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPX2010
Description  Washing Appliance Sensor Selection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX2010 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPX2010 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX2010 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX2010 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX2010 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX2010 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX2010 Datasheet HTML 6Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Freescale Semiconductor, Inc., 2006. All rights reserved.
AN1668
Rev 2, 11/2006
Freescale Semiconductor
Application Note
Washing Appliance Sensor Selection
by: Ador Reodique
Sensor and Systems Applications Engineer
INTRODUCTION
North American washing machines currently in production
use mechanical sensors for water level measurement
function. These sensors are either purely mechanical
pressure switch with discrete trip points or electromechanical
pressure sensor with an on-board electronics for a frequency
output.
High efficiency machines require high performance
sensors (accuracy, linearity, repeatability) even at lower
pressure ranges. Benchmarks indicate that these
performance goals is difficult to achieve using current
mechanical pressure sensors.
In Europe, where energy conservation is mandated,
washing machine manufacturers have started to look at
electronic solutions where accuracy, reliability, repeatability
and additional functionality is to be implemented. North
American and Asia Pacific manufacturers are also looking for
better solutions.
From surveys of customer requirements, a typical vertical-
axis machine calls for a sensor with 600 mm H2O
(24 “ H2O ~ 6 kPa) sensor with a 5% FS accuracy spec.
Certain appliances call for a lower pressure range especially
in Europe where horizontal axis machines are common.
SENSOR SOLUTIONS
For the typical 600 mm H2O, 5% FS spec, an off the shelf
solution available today is the MPX10/MPX12, MXP2010 and
the MPXV4006G sensor. The MPX10 (or the MPX12) is 10
kPa (40 “ H2O) full-scale pressure range device. It is
uncompensated for temperature and untrimmed offset and
full-scale span. This means that the end user must
temperature compensate as well as calibrate the full-scale
offset and span of the device. The output of the device must
be amplified using a differential amplifier (see Figure 1) so it
can be interfaced to an A/D and to obtain the desired range.
Since the MPX10/MPX12 sensors must be calibrated, the
implications of this device being used in high-volume
production is expensive. Because the offset and full-scale
output can vary from part to part, a two-point calibration is
required as a minimum. A two point calibration is a time
consuming procedure as well as possible modification to the
production line to accommodate the calibration process. The
circuitry must also accommodate for trimming, i.e., via
trimpots and/or EEPROM to store the calibration data. This
adds extra cost to the system.
The MPX2010 is a 10 kPa (40" H2O), temperature
compensated, offset and full-scale output calibrated device. A
differential amplifier like the one shown in Figure 1 should be
used to amplify its output. Unlike the MPX10 or MPX12, this
device does not need a two-point calibration but auto-zeroing
can improve its performance. This procedure is easily
implemented using the system MCU.
The MPXV4006G is a fully integrated pressure sensor
specifically designed for appliance water level sensing
application. This device has an on board amplification,
temperature compensation and trimmed span. An auto-zero
procedure should be implemented with this device (refer to
Application Note AN1636). Because expensive and time
consuming calibration, temperature compensation and
amplification is already implemented, this device is more
suitable for high volume production. The MPXV4006G
integrated sensor is guaranteed to be have an accuracy of
± 3% FS over its pressure and temperature range.
For washing machine applications where low cost and high
volume productions are involved, both the MPX2010 and
MPXV4006G are recommended. Both solutions can be used
in current vertical axis machines where the water level in the
600 mm H2O or 24 “ H2O range. In the following, a comparison
is made between MPX2010 and MPXV4006G in terms of
system and performance considerations to help the customer
make a decision.
EXPECTED ACCURACY OF THE MPX2010
SYSTEM SOLUTION
The MPX2010 compensated sensor has an off the shelf
overall RMS accuracy of ± 7.2% FS over 0 to 85°C
temperature range.
Auto-zeroing can improve the sensor accuracy to ± 4.42%
FS. However, since this sensor does not have an integrated
amplification, its amplifier section must be designed carefully
in order to meet the target accuracy requirement. The
MPX2010 compensated sensor has the following
specifications shown on Table 1.


Similar Part No. - MPX2010

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2010 MOTOROLA-MPX2010 Datasheet
314Kb / 12P
10 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPX2010 FREESCALE-MPX2010 Datasheet
358Kb / 14P
10 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPX2010 FREESCALE-MPX2010 Datasheet
352Kb / 17P
10 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX2010 NXP-MPX2010 Datasheet
420Kb / 17P
10 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 13, 10/2008
logo
Motorola, Inc
MPX2010D MOTOROLA-MPX2010D Datasheet
314Kb / 12P
10 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
More results

Similar Description - MPX2010

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29004 INTERSIL-ISL29004 Datasheet
293Kb / 17P
Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
December 21, 2006
logo
EPCOS
B57276K0123A027 EPCOS-B57276K0123A027 Datasheet
63Kb / 3P
Washing machines
logo
Omron Electronics LLC
CJ1W-MAD42 OMRON-CJ1W-MAD42 Datasheet
344Kb / 15P
CPU Selection
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
selection guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
Selection Guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
SELECTION GUIDE
logo
STMicroelectronics
AN2966 STMICROELECTRONICS-AN2966 Datasheet
171Kb / 8P
Capacitor selection guide for STM8T141 capacitive sensor
17-Sep-2013
logo
Ledil, Inc.
F15685 LEDIL-F15685 Datasheet
2Mb / 6P
Asymmetric beam for wall-washing
CA13177 LEDIL-CA13177 Datasheet
5Mb / 9P
Asymmetric beam for wall washing
CP17592 LEDIL-CP17592 Datasheet
1Mb / 4P
Asymmetric beam for wall-washing
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com