Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE821 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STMPE821
Description  8-channel capacitive touch key controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE821 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STMPE821_09 Datasheet HTML 34Page - STMicroelectronics STMPE821_09 Datasheet HTML 35Page - STMicroelectronics STMPE821_09 Datasheet HTML 36Page - STMicroelectronics STMPE821_09 Datasheet HTML 37Page - STMicroelectronics STMPE821_09 Datasheet HTML 38Page - STMicroelectronics STMPE821_09 Datasheet HTML 39Page - STMicroelectronics STMPE821_09 Datasheet HTML 40Page - STMicroelectronics STMPE821_09 Datasheet HTML 41Page - STMicroelectronics STMPE821_09 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
Capacitive touch module registers
STMPE821
38/55
CALIBRATED_IMPEDANCE
Calibrated impedance
Address:
0x70 - 0x77
Type:
R
Reset:
0x00
Description:
Calibrated impedance is a reference value maintained by the device.
IMPEDANCE
Impedance
Address:
0x80 - 0x87
Type:
R
Reset:
0x00
Description:
Impedance is the instantaneous impedance value seen at the input pin of each cap.
sensing pin.
7
654
3210
CAL_IMPEDANCE
[7:0] CALIBRATED IMPEDANCE:
Calibrated reference impedance
7
654
3210
IMPEDANCE
[7:0] IMPEDANCE:
Currently sensed impedance. This impedance reading decreases with the increase of the
capacitance at sensing channel.
When this register reads 0x7F, reference capacitance should be reduced.
When this register reads 0x00, reference capacitance should be increased.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com