Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE821 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STMPE821
Description  8-channel capacitive touch key controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE821 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STMPE821_09 Datasheet HTML 39Page - STMicroelectronics STMPE821_09 Datasheet HTML 40Page - STMicroelectronics STMPE821_09 Datasheet HTML 41Page - STMicroelectronics STMPE821_09 Datasheet HTML 42Page - STMicroelectronics STMPE821_09 Datasheet HTML 43Page - STMicroelectronics STMPE821_09 Datasheet HTML 44Page - STMicroelectronics STMPE821_09 Datasheet HTML 45Page - STMicroelectronics STMPE821_09 Datasheet HTML 46Page - STMicroelectronics STMPE821_09 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 55 page
background image
STMPE821
Basic PWM controller
43/55
PWM_OFF_OUTPUT
PWM group control register
Address:
0xA0
Type:
R/W
Reset:
0x00
Description:
PWM group control register.
RAMP_RATE
Ramp rate register
Address:
0xB2
Type:
R/W
Reset:
0x00
Description:
Ramp rate register.
7
654
3210
OUT3
OUT2
OUT1
OUT0
[7:4] RESERVED
[3:0] OUT3:0:
Default is '0'
'1' - PWM channel outputs '1' when disabled
'0' - PWM channel outputs '0' when disabled
7
654
3210
RESERVED
RAMP_DOWN
RAMP_UP
[7:6] RESERVED
[5:3] RAMP_DOWN [2:0]:
'000' = 1/4 of time unit per brightness level change
'001' = 1/8 of time unit per brightness level change
'010' = 1/16 of time unit per brightness level change
'011' = 1/32 of time unit per brightness level change
'100' = 1/64 of time unit per brightness level change
'101' = 1/128 of time unit per brightness level change
'110' = reserved
'111' = reserved
[2:0] RAMP_UP [2:0]:
'000' = 1/4 of time unit per brightness level change
'001' = 1/8 of time unit per brightness level change
'010' = 1/16 of time unit per brightness level change
'011' = 1/32 of time unit per brightness level change
'100' = 1/64 of time unit per brightness level change
'101' = 1/128 of time unit per brightness level change
'110' = reserved
'111' = reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com