Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRM101 Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # DRM101
Description  Blood Pressure Monitor Using the Flexis QE128 Family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DRM101 Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button DRM101 Datasheet HTML 47Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 48Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 49Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 50Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 51Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 52Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 53Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 54Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
Blood Pressure Monitor Design Reference Manual, Rev. 0
Freescale Semiconductor
B-1
Appendix B
Bill of Materials
QTY
Reference
Designator
Value
Package
Description
Type
1
ANT1
F_Antenna
f_antena
PCB F Antenna for ZigBee
PCB
4
BH1, BH2, BH3, BH4
MTG
C280-130T
Mounting Hole 0.130 Inch
Oth
1
BT1
9 V
skt_bat_54x29mm_th
Holder Batt 9 V Univ Plastic
PC
Oth
5
C3, C6, C14, C21,
C22
10
μF
CC3216
Cap Tant 10
μF 16 V 20%
SMD
Cap
10
C4, C7, C8, C9, C12,
C19, C29, C31, C33,
C52
0.1
μF
CC0805
Cap 0.1
μF 16 V Ceramic
X7R 0805
Cap
4
C10, C41, C50, C51
1.0
μF
3216-18
Capacitor Tant 1.0
μF 16 V
20% SMD
Cap
2
C11, C23
0.01
μF
CC0805
Cap 10000 pF 50 V Ceramic
Chip 0805
Cap
3
C13, C15, C16
4.7
μF
CC3216
Cap Tant 4.7
μF 16 V 20%
SMD
Cap
1
C17
68
μF
CC7343-43
Cap Tant 68
μF 16 V 10%
Loesr SMD
Cap
1
C18
22
μF
CC3216
Cap Tant 22
μF 16 V 20%
SMD
Cap
1
C20
39 pF
CC0805
Cap 39 pF 50 V Ceramic Chip
0805 SMD
Cap
2
C24, C37
220
μF
cce63x55
Cap 220
μF 16 V Elect MVE
SMD
Cap
2
C25, C35
0.33
μF
CC0805
Cap 0.33
μF 16 V Ceramic
X7R 0805
Cap
1
C26
33
μF
CC3216
Cap Tant 33
μF 6.3 V 20%
SMD
Cap
2
C27, C28
22 pF
CC0805
Cap 22 pF 50 V Ceramic Chip
0805 SMD
Cap
2
C30, C49
4.7
μF
CC2012-12
Cap Tant 4.7
μF 10 V 20%
SMD
Cap
3
C32, C34, C38
100
μF
cce63x55
Cap 100
μF 16 V Elect MVA
SMD
Cap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com