Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRM101 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # DRM101
Description  Blood Pressure Monitor Using the Flexis QE128 Family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DRM101 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button DRM101 Datasheet HTML 13Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 14Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 15Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 16Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 17Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 18Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 19Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 20Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
Introduction
Blood Pressure Monitor Design Reference Manual, Rev. 0
Freescale Semiconductor
2-11
After the user selects a language, the blood pressure monitor will return to the Options menu and display
the items in the new selected language. Users can also return to the Options menu without modifying the
default language by pressing the left button.
Audio: pressing the center button when the Audio item is selected will toggle the audio preferences of the
blood pressure monitor. Users can see whether or not the audio is on by the state of the speaker icon on the
left. Here is an example of how the icons look when the audio is on and when it is off:
Figure 2-3. Audio Feedback On
Figure 2-4. Audio Feedback Off
Memory: within this menu, the user will have the ability to manipulate the options associated with data
logging. There is also the ability to view past measurements in a graphical format. To return to the Options
menu, press the left button.
The first option allows users to enable measurement storage to MRAM. When storage is enabled, the latest
measurement taken on the blood pressure monitor will be stored. The blood pressure monitor can store up
to five readings (sets of measurements) on the system at a time.
Figure 2-5. Save Option On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com