Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX51A Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # IMX51A
Description  i.MX51A Automotive and Infotainment Applications Processors
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX51A Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button IMX51A Datasheet HTML 17Page - Freescale Semiconductor, Inc IMX51A Datasheet HTML 18Page - Freescale Semiconductor, Inc IMX51A Datasheet HTML 19Page - Freescale Semiconductor, Inc IMX51A Datasheet HTML 20Page - Freescale Semiconductor, Inc IMX51A Datasheet HTML 21Page - Freescale Semiconductor, Inc IMX51A Datasheet HTML 22Page - Freescale Semiconductor, Inc IMX51A Datasheet HTML 23Page - Freescale Semiconductor, Inc IMX51A Datasheet HTML 24Page - Freescale Semiconductor, Inc IMX51A Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 172 page
background image
Electrical Characteristics
i.MX51A Automotive and Infotainment Applications Processors, Rev. 2
Freescale Semiconductor
21
Preliminary—Subject to Change Without Notice
4.1.2
USB PHY Current Consumption
Table 17 shows the USB PHY current consumption.
4.2
Supply Power-Up/Power-Down Requirements and Restrictions
The system design must comply with the power-up and power-down sequence guidelines as described in
this section to guarantee reliable operation of the device. Any deviation from these sequences may result
in the following situations:
•
Excessive current during power-up phase
•
Prevention of the device from booting
•
Irreversible damage to the i.MX51A processor (worst-case scenario)
Stop Mode
• External reference clocks
enabled
• No power gating for ARM and
processing units
• HPM voltage
VDDGP = 1.0 V, VCC = 1.225 V, VDDA = 1.2 V
All PLLs off, all CCM-generated clocks off
CKIL input on with 32 kHz signal present
All modules disabled
USBPHY PLL off
External (MHz) crystal and on-chip oscillator
powered and generating reference clock
No external resistive loads that cause current flow
TA = 25
°C
VDDGP
50
mA
VCC
2
VDDA
1.15
NVCC_OSC
1.5
Total
63
mW
Table 17. USB PHY Current Consumption
Parameter
Conditions
Typical @ 25 °C
Max
Unit
Analog Supply
VDDA33 (3.3 V)
Full Speed
RX
5.5
6
mA
TX
7
8
High Speed
RX
5
6
TX
5
6
Analog Supply
NVCC_USBPHY (2.5 V)
Full Speed
RX
6.5
7
mA
TX
6.5
7
High Speed
RX
12
13
TX
21
22
Digital Supply
VCC (1.2 V)
Full Speed
RX
6
7
mA
TX
6
7
High Speed
RX
6
7
TX
6
7
VDDA33 + NVCC_USBPHY +VCC
Suspend
50
100
μA
Table 16. i.MX51 Stop Mode Current and Power Consumption (continued)
Mode
Condition
Supply
Nominal
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com