Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX51A Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # IMX51A
Description  i.MX51A Automotive and Infotainment Applications Processors
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX51A Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button IMX51A Datasheet HTML 72Page - Freescale Semiconductor, Inc IMX51A Datasheet HTML 73Page - Freescale Semiconductor, Inc IMX51A Datasheet HTML 74Page - Freescale Semiconductor, Inc IMX51A Datasheet HTML 75Page - Freescale Semiconductor, Inc IMX51A Datasheet HTML 76Page - Freescale Semiconductor, Inc IMX51A Datasheet HTML 77Page - Freescale Semiconductor, Inc IMX51A Datasheet HTML 78Page - Freescale Semiconductor, Inc IMX51A Datasheet HTML 79Page - Freescale Semiconductor, Inc IMX51A Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 172 page
background image
i.MX51A Automotive and Infotainment Applications Processors, Rev. 2
76
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Electrical Characteristics
4.7.4.3
MII Async Inputs Signal Timing (FEC_CRS and FEC_COL)
Table 71 lists MII asynchronous inputs signal timing information. Figure 44 shows MII asynchronous
input timings listed in Table 71.
.
Figure 44. MII Async Inputs Timing Diagram
4.7.4.4
MII Serial Management Channel Timing (FEC_MDIO and FEC_MDC)
Table 72 lists MII serial management channel timings. Figure 45 shows MII serial management channel
timings listed in Table 72. The MDC frequency should be equal to or less than 2.5 MHz to be compliant
with the IEEE 802.3 MII specification. However the FEC can function correctly with a maximum MDC
frequency of 15 MHz.
Table 71. MII Async Inputs Signal Timing
Num
Characteristic
Min
Max
Unit
M91
1 FEC_COL has the same timing in 10 Mbit 7-wire interface mode.
FEC_CRS to FEC_COL minimum pulse width
1.5
—
FEC_TX_CLK period
Table 72. MII Transmit Signal Timing
ID
Characteristic
Min
Max
Unit
M10
FEC_MDC falling edge to FEC_MDIO output invalid (minimum propagation delay)
0
—
ns
M11
FEC_MDC falling edge to FEC_MDIO output valid (max propagation delay)
—
5
ns
M12
FEC_MDIO (input) to FEC_MDC rising edge setup
18
—
ns
M13
FEC_MDIO (input) to FEC_MDC rising edge hold
0
—
ns
M14
FEC_MDC pulse width high
40% 60% FEC_MDC period
M15
FEC_MDC pulse width low
40% 60% FEC_MDC period
FEC_CRS, FEC_COL
M9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com