Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS1503V Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PBLS1503V
Description  15 V PNP BISS loadswitch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBLS1503V Datasheet(HTML) 4 Page - NXP Semiconductors

  PBLS1503V Datasheet HTML 1Page - NXP Semiconductors PBLS1503V Datasheet HTML 2Page - NXP Semiconductors PBLS1503V Datasheet HTML 3Page - NXP Semiconductors PBLS1503V Datasheet HTML 4Page - NXP Semiconductors PBLS1503V Datasheet HTML 5Page - NXP Semiconductors PBLS1503V Datasheet HTML 6Page - NXP Semiconductors PBLS1503V Datasheet HTML 7Page - NXP Semiconductors PBLS1503V Datasheet HTML 8Page - NXP Semiconductors PBLS1503V Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PBLS1503Y_PBLS1503V_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 24 August 2009
4 of 14
NXP Semiconductors
PBLS1503Y; PBLS1503V
15 V PNP BISS loadswitch
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02
Table 8.
Characteristics
Tamb = 25 °C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Transistor TR1: PNP
ICBO
collector-base cut-off
current
VCB = −15 V; IE = 0 A
-
-
−100
nA
VCB = −15 V; IE = 0 A; Tj = 150 °C-
-
−50
µA
ICES
collector-emitter
cut-off current
VCE = −15 V; VBE = 0 V
-
-
−100
nA
IEBO
emitter-base cut-off
current
VEB = −5 V; IC = 0 A
-
-
−100
nA
hFE
DC current gain
VCE = −2 V; IC = −10 mA
200
-
-
VCE = −2 V; IC = −100 mA
[1] 150
-
-
VCE = −2 V; IC = −500 mA
[1] 90
-
-
VCEsat
collector-emitter
saturation voltage
IC = −10 mA; IB = −0.5 mA
-
-
−25
mV
IC = −200 mA; IB = −10 mA
-
-
−150
mV
IC = −500 mA; IB = −50 mA
[1] --
−250
mV
RCEsat
equivalent
on-resistance
IC = −500 mA; IB = −50 mA
[1] -
300
500
m
Ω
VBEsat
base-emitter
saturation voltage
IC = −500 mA; IB = −50 mA
[1] --
−1.1
V
VBEon
base-emitter turn-on
voltage
VCE = −2 V; IC = −100 mA
[1] --
−0.9
V
fT
transition frequency
VCE = −5 V; IC = −100 mA;
f = 100 MHz
100
280
-
MHz
Cc
collector capacitance
VCB = −10 V; IE = ie = 0 A;
f=1MHz
--10
pF
Transistor TR2: NPN
ICBO
collector-base cut-off
current
VCB = 50 V; IE = 0 A
-
-
100
nA
ICEO
collector-emitter
cut-off current
VCE = 30 V; IB = 0 A
-
-
1
µA
VCE = 30 V; IB = 0 A; Tj = 150 °C
--50
µA
IEBO
emitter-base cut-off
current
VEB = 5 V; IC = 0 A
-
-
400
µA
hFE
DC current gain
VCE = 5 V; IC = 5 mA
30
-
-
VCEsat
collector-emitter
saturation voltage
IC = 10 mA; IB = 0.5 mA
-
-
150
mV
VI(off)
off-state input voltage
VCE = 5 V; IC = 100 µA
-
1.1
0.8
V
VI(on)
on-state input voltage
VCE = 0.3 V; IC = 10 mA
2.5
1.8
-
V
R1
bias resistor 1 (input)
7
10
13
k
Ω
R2/R1
bias resistor ratio
0.8
1
1.2
Cc
collector capacitance
VCB =10V;IE =ie = 0 A; f = 1 MHz
-
-
2.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com