Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS1503V Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PBLS1503V
Description  15 V PNP BISS loadswitch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBLS1503V Datasheet(HTML) 5 Page - NXP Semiconductors

  PBLS1503V Datasheet HTML 1Page - NXP Semiconductors PBLS1503V Datasheet HTML 2Page - NXP Semiconductors PBLS1503V Datasheet HTML 3Page - NXP Semiconductors PBLS1503V Datasheet HTML 4Page - NXP Semiconductors PBLS1503V Datasheet HTML 5Page - NXP Semiconductors PBLS1503V Datasheet HTML 6Page - NXP Semiconductors PBLS1503V Datasheet HTML 7Page - NXP Semiconductors PBLS1503V Datasheet HTML 8Page - NXP Semiconductors PBLS1503V Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PBLS1503Y_PBLS1503V_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 24 August 2009
5 of 14
NXP Semiconductors
PBLS1503Y; PBLS1503V
15 V PNP BISS loadswitch
VCE = −2 V
(1) Tamb = 150 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
IC/IB =20
(1) Tamb = 150 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Fig 1.
TR1(PNP): DC current gain as a function of
collector current; typical values
Fig 2.
TR1(PNP): Collector-emitter saturation voltage
as a function of collector current; typical
values
VCE = −2 V
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 150 °C
IC/IB =20
(1) Tamb = 150 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Fig 3.
TR1(PNP): Base-emitter voltage as a function
of collector current; typical values
Fig 4.
TR1(PNP): Base-emitter saturation voltage as
a function of collector current; typical values
001aaa181
IC (mA)
−10−1
−103
−102
−1
−10
200
400
600
hFE
0
(1)
(2)
(3)
001aaa185
−102
−10
−103
VCEsat
(mV)
−1
IC (mA)
−10−1
−103
−102
−1
−10
(1)
(2)
(3)
001aaa183
−500
−700
−300
−900
−1100
VBE
(mV)
−100
IC (mA)
−10−1
−103
−102
−1
−10
(1)
(3)
(2)
001aaa184
−600
−800
−400
−1000
−1200
VBEsat
(mV)
−200
IC (mA)
−10−1
−103
−102
−1
−10
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com