Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS2003D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PBLS2003D
Description  20 V PNP BISS loadswitch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBLS2003D Datasheet(HTML) 2 Page - NXP Semiconductors

  PBLS2003D Datasheet HTML 1Page - NXP Semiconductors PBLS2003D Datasheet HTML 2Page - NXP Semiconductors PBLS2003D Datasheet HTML 3Page - NXP Semiconductors PBLS2003D Datasheet HTML 4Page - NXP Semiconductors PBLS2003D Datasheet HTML 5Page - NXP Semiconductors PBLS2003D Datasheet HTML 6Page - NXP Semiconductors PBLS2003D Datasheet HTML 7Page - NXP Semiconductors PBLS2003D Datasheet HTML 8Page - NXP Semiconductors PBLS2003D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
PBLS2003D_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 27 August 2009
2 of 16
NXP Semiconductors
PBLS2003D
20 V PNP BISS loadswitch
2.
Pinning information
3.
Ordering information
4.
Marking
5.
Limiting values
Table 2.
Pinning
Pin
Description
Simplified outline
Symbol
1
emitter TR1
2
base TR1
3
output (collector) TR2
4
GND (emitter) TR2
5
input (base) TR2
6
collector TR1
13
2
4
5
6
65
4
1
23
R2
TR1
TR2
R1
sym036
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PBLS2003D
SC-74
plastic surface mounted package; 6 leads
SOT457
Table 4.
Marking codes
Type number
Marking code
PBLS2003D
F8
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
TR1; PNP low VCEsat transistor
VCBO
collector-base voltage
open emitter
-
−20
V
VCEO
collector-emitter voltage
open base
-
−20
V
VEBO
emitter-base voltage
open collector
-
−5V
IC
collector current (DC)
-
−1A
ICM
peak collector current
tp ≤ 300 µs-
−2A
IB
base current (DC)
-
−0.3
A
IBM
peak base current
tp ≤ 300 µs-
−0.6
A
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -
250
mW
[2] -
350
mW
[3] -
400
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com