Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS2003D Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PBLS2003D
Description  20 V PNP BISS loadswitch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBLS2003D Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PBLS2003D Datasheet HTML 7Page - NXP Semiconductors PBLS2003D Datasheet HTML 8Page - NXP Semiconductors PBLS2003D Datasheet HTML 9Page - NXP Semiconductors PBLS2003D Datasheet HTML 10Page - NXP Semiconductors PBLS2003D Datasheet HTML 11Page - NXP Semiconductors PBLS2003D Datasheet HTML 12Page - NXP Semiconductors PBLS2003D Datasheet HTML 13Page - NXP Semiconductors PBLS2003D Datasheet HTML 14Page - NXP Semiconductors PBLS2003D Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
PBLS2003D_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 27 August 2009
11 of 16
NXP Semiconductors
PBLS2003D
20 V PNP BISS loadswitch
8.
Test information
Fig 17. BISS transistor switching time definition
IC = −1 A; IBon = −50 mA; IBoff = 50 mA; R1 = open; R2 = 45 Ω; RB = 145 Ω; RC =10 Ω
Fig 18. Test circuit for switching times
006aaa266
−I
Bon (100 %)
−I
B
input pulse
(idealized waveform)
−I
Boff
90 %
10 %
−I
C (100 %)
−I
C
td
ton
90 %
10 %
tr
output pulse
(idealized waveform)
tf
t
ts
toff
RC
R2
R1
DUT
mgd624
Vo
RB
(probe)
450
Ω
(probe)
450
Ω
oscilloscope
oscilloscope
VBB
VI
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com