Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S207C6T6B Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM8S207C6T6B
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I²C, CAN
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S207C6T6B Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM8S207C6T6B Datasheet HTML 95Page - STMicroelectronics STM8S207C6T6B Datasheet HTML 96Page - STMicroelectronics STM8S207C6T6B Datasheet HTML 97Page - STMicroelectronics STM8S207C6T6B Datasheet HTML 98Page - STMicroelectronics STM8S207C6T6B Datasheet HTML 99Page - STMicroelectronics STM8S207C6T6B Datasheet HTML 100Page - STMicroelectronics STM8S207C6T6B Datasheet HTML 101Page - STMicroelectronics STM8S207C6T6B Datasheet HTML 102Page - STMicroelectronics STM8S207C6T6B Datasheet HTML 103Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 101 / 103 page
background image
STM8S207xx, STM8S208xx
Revision history
Doc ID 14733 Rev 9
101/103
14
Revision history
Table 58.
Document revision history
Date
Revision
Changes
23-May-2008
1
Initial release.
05-Jun-2008
2
Added part numbers on page 1 and in Table 2 on page 11.
Updated Section 4: Product overview.
Updated Section 10: Electrical characteristics.
22-Jun-2008
3
Added part numbers on page 1 and in Table 2 on page 11.
12-Aug-2008
4
Added 32 pin device pinout and ordering information.
Updated UBC option description in Table 13 on page 48.
USART renamed UART1, LINUART renamed UART3.
Max. ADC frequency increased to 6 MHz.
20-Oct-2008
5
Removed STM8S207K4 part number.
Removed LQFP64 14 x 14 mm package.
Added medium and high density Flash memory categories.
Added Section 6: Memory and register map on page 33.
Replaced beCAN3 by beCAN in Section 4.14.5: beCAN.
Updated Section 10: Electrical characteristics on page 52.
Updated LQFP44 (Figure 47 and Table 55), and LQFP32 outline and
mechanical data (Figure 48, and Table 56).
08-Dec-2008
6
Changed VDD minimum value from 3.0 to 2.95 V.
Updated number of High Sink I/Os in pinout.
Removed FLASH _NFPR and FLASH _FPR registers in Table 9:
General hardware register map.
30-Jan-2009
7
Removed preliminary status.
Removed VQFN32 package.
Added STM8S207C6, STM8S207S6.
Updated external interrupts in Table 2 on page 11.
Updated Section 10: Electrical characteristics.
10-Jul-2009
8
Document status changed from “preliminary data” to “datasheet”.
Added LQFP64 14 x 14 mm package.
Added STM8S207M8, STM8S207SB, STM8S208R8, STM8S208R6,
STM8S208C8, and STM8S208C6, STM8S208SB, STM8S208S8,
and STM8S208S6.
Replaced “CAN” with “beCAN”.
Added Table 3 to Section 4.5: Clock controller.
Updated Section 4.8: Auto wakeup counter.
Added beCAN peripheral (impacting Table 1 and Figure 6).
Added footnote about CAN_RX/TX to pinout figures 3, 4, and 6.
Table 6: Removed ‘X’ from wpu column of I2C pins (no wpu
available).
Added Table 11: Interrupt mapping.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com